Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 60 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 60 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 56Page - STMicroelectronics ST25R3916 Datasheet HTML 57Page - STMicroelectronics ST25R3916 Datasheet HTML 58Page - STMicroelectronics ST25R3916 Datasheet HTML 59Page - STMicroelectronics ST25R3916 Datasheet HTML 60Page - STMicroelectronics ST25R3916 Datasheet HTML 61Page - STMicroelectronics ST25R3916 Datasheet HTML 62Page - STMicroelectronics ST25R3916 Datasheet HTML 63Page - STMicroelectronics ST25R3916 Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 157 page
background image
Application information
ST25R3916/7
60/157
DS12484 Rev 4
4.4.1
Set default
This direct command puts the ST25R3916/7 in the same state as power-up initialization:
performs Stop all activities command
resets all registers to their default state
clears all collision bits
Results of previous calibration and adjust commands are lost. No IRQ due to termination of
direct command is produced.
DA
Clear RSSI
Clears the RSSI bits in the RSSI
display register and restarts the
measurement
Yes
No
en
DB
Clear FIFO
Clears FIFO
Yes
No
en
DC
Enter Transparent mode
Enters in Transparent mode
No
No
en
DD
Calibrate capacitive
sensor
Calibrates capacitive sensor
No
Yes
All
DE
Measure capacitance
Measures capacitance between
CSO and CSI pin
No
Yes
All
DF
Measure power supply
-
No
Yes
en
E0
Start General purpose
timer
-
Yes
No
en
E1
Start Wake-up timer
-
Yes
No
All
except wu
E2
Start Mask-receive timer
Starts the mask-receive timer and
squelch operation
Yes
No
en
E3
Start No-response timer
-
Yes
No
en
E4
Start PPON2 timer
-
Yes
No
en
E8
Stop No-response timer
-
Yes
No
en
FA
RFU
Not used
-
-
-
FB
Register space-B access
Enables R/W access to register
Space-B
Yes
No
all
FC
Test access
Enable R/W access to Test register
Yes
No
All
Other
codes
RFU
Not used
-
-
-
1. Defines which Operation control register bits have to be set in order to accept a particular command.
2. Measure amplitude and Measure phase can be used directly from power down mode. In this case the command
temporarily enables the oscillator.
Table 13. List of direct commands (continued)
Code
(hex)
Name
Comments
Chaining
Interrupt after
termination
Operation
mode(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com