Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 87 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 87 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 83Page - STMicroelectronics ST25R3916 Datasheet HTML 84Page - STMicroelectronics ST25R3916 Datasheet HTML 85Page - STMicroelectronics ST25R3916 Datasheet HTML 86Page - STMicroelectronics ST25R3916 Datasheet HTML 87Page - STMicroelectronics ST25R3916 Datasheet HTML 88Page - STMicroelectronics ST25R3916 Datasheet HTML 89Page - STMicroelectronics ST25R3916 Datasheet HTML 90Page - STMicroelectronics ST25R3916 Datasheet HTML 91Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 157 page
background image
DS12484 Rev 4
87/157
ST25R3916/7
Application information
156
4.5.18
P2P receiver configuration register 1
Register space: B
Address: 0Bh
Type: RW
Table 44. P2P receiver configuration register 1
Bit
Name
Default
Function
Comments
7
ook_fd
0
OOK fast decay
-
6
ook_rc1
0
00 = 1.4 µs
01 = 1.0 µs
10 = 0.6 µs
11 = 0.2 µs
OOK RC time constant
5
ook_rc0
0
4
ook_thd1
0
Refer to Table 45
OOK threshold level, depends on ook_rc<1:0>
configuration.
3
ook_thd0
1
2
ask_rc1
1
00 = 8.4 µs
01 = 6.8 µs
10 = 4.4 µs
11 = 2.4 µs
ASK RC time constant
1
ask_rc0
0
0
ask_thd
0
0: 97%
1: 95%
ASK threshold level
Table 45. OOK threshold level settings
ook_thd<1:0>
ook_rc<1:0> = 0
ook_rc<1:0> > 0
00
55%
80%
01
45%
75%
10
35%
70%
11
25%
65%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com