Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 64Page - STMicroelectronics ST25R3916 Datasheet HTML 65Page - STMicroelectronics ST25R3916 Datasheet HTML 66Page - STMicroelectronics ST25R3916 Datasheet HTML 67Page - STMicroelectronics ST25R3916 Datasheet HTML 68Page - STMicroelectronics ST25R3916 Datasheet HTML 69Page - STMicroelectronics ST25R3916 Datasheet HTML 70Page - STMicroelectronics ST25R3916 Datasheet HTML 71Page - STMicroelectronics ST25R3916 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 157 page
background image
Application information
ST25R3916/7
68/157
DS12484 Rev 4
4.5
Registers
The ST25R3916/7 have two register spaces, each of them consists of up to 64 registers
with address ranging from 00h to 3Fh:
1.
register space A (Rs-A), see Table 17
2.
register space B (Rs-B), see Table 18.
There are two types of registers implemented in the ST25R3916/7:
1.
configuration registers: used to configure the device, can be written and read through
the SPI or I2C interfaces
2.
display registers: read only (RO), contain information about the state of the device.
Registers are set to their default value at power-up and after sending the direct command
Set default.
Table 17. List of registers - Space A
Type
Address (hex)
Register space A (Rs-A)
IO configuration
00
IO configuration register 1
01
IO configuration register 2
Operation control and
mode definition
02
Operation control register
03
Mode definition register
04
Bit rate definition register
Protocol configuration
05
ISO14443A and NFC 106kb/s settings register
06
ISO14443B settings register 1
07
ISO14443B and FeliCa settings register
08
NFCIP-1 passive target definition register
09
Stream mode definition register
0A
Auxiliary definition register
Receiver configuration
0B
Receiver configuration register 1
0C
Receiver configuration register 2
0D
Receiver configuration register 3
0E
Receiver configuration register 4
Timer definition
0F
Mask receive timer register
10
No-response timer register 1
11
No-response timer register 2
12
Timer and EMV control register
13
General purpose timer register 1
14
General purpose timer register 2
15
PPON2 field waiting register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com