Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 65Page - STMicroelectronics ST25R3916 Datasheet HTML 66Page - STMicroelectronics ST25R3916 Datasheet HTML 67Page - STMicroelectronics ST25R3916 Datasheet HTML 68Page - STMicroelectronics ST25R3916 Datasheet HTML 69Page - STMicroelectronics ST25R3916 Datasheet HTML 70Page - STMicroelectronics ST25R3916 Datasheet HTML 71Page - STMicroelectronics ST25R3916 Datasheet HTML 72Page - STMicroelectronics ST25R3916 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 157 page
background image
DS12484 Rev 4
69/157
ST25R3916/7
Application information
156
Interrupt and
associated reporting
16
Mask main interrupt register
17
Mask timer and NFC interrupt register
18
Mask error and wake-up interrupt register
19
Mask passive target interrupt register
1A
Main interrupt register
1B
Timer and NFC interrupt register
1C
Error and wake-up interrupt register
1D
Passive target interrupt register
1E
FIFO status register 1
1F
FIFO status register 2
20
Collision display register
21
Passive target display register
Definition of number of
transmitted bytes
22
Number of transmitted bytes register 1
23
Number of transmitted bytes register 2
24
Bit rate detection display register
A/D converter output
25
A/D converter output register
Antenna calibration
26
Antenna tuning control register 1
27
Antenna tuning control register 2
Antenna driver and
modulation
28
TX driver register
29
Passive target modulation register
External field detector
threshold
2A
External field detector activation threshold register
2B
External field detector deactivation threshold register
Regulator
2C
Regulator voltage control register
Receiver state display
2D
RSSI display register
2E
Gain reduction state register
Capacitive sensor
2F
Capacitive sensor control register
30
Capacitive sensor display register
Auxiliary display
31
Auxiliary display register
Table 17. List of registers - Space A (continued)
Type
Address (hex)
Register space A (Rs-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com