Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 58Page - STMicroelectronics ST25R3916 Datasheet HTML 59Page - STMicroelectronics ST25R3916 Datasheet HTML 60Page - STMicroelectronics ST25R3916 Datasheet HTML 61Page - STMicroelectronics ST25R3916 Datasheet HTML 62Page - STMicroelectronics ST25R3916 Datasheet HTML 63Page - STMicroelectronics ST25R3916 Datasheet HTML 64Page - STMicroelectronics ST25R3916 Datasheet HTML 65Page - STMicroelectronics ST25R3916 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
Application information
ST25R3916/7
62/157
DS12484 Rev 4
The direct commands Transmit REQA and Transmit WUPA automatically disable the CRC
check of the response frame. The CRC check is enabled again after any of the below
conditions:
Transmit with CRC direct command
Mask receive data direct command
No Response timer expires
If the direct command Transmit without CRC is used in Felica™ mode the Length and CRC
bytes are skipped. After the preamble and Sync bytes the raw FIFO content is transmitted.
A transmit length nbtx<2:0> ≥1 must be used.
4.4.5
NFC field ON commands
The NFC field ON direct commands are used to perform RF Collision Avoidance. The
external field detector must be enabled for these commands to work correctly.
To determine whether an external field is present the ST25R3916/7 compares the RF
voltage level on the RFI1 pin with the collision avoidance threshold defined in the External
field detector activation threshold register.
If no external field is detected, then the ST25R3916/7 transmitter is switched on
automatically (bit tx_en in the Operation control register is set) and an I_apon IRQ is
signaled. After the RF guard time defined in the NFC field on guard timer register has
passed an I_cat IRQ is signaled. At this point the controller can initiate a data transmission
using a transmit command.
If an external field is detected a I_cac IRQ is signaled, and the ST25R3916/7 transmitter
stays off.
The direct command NFC initial field ON performs an Initial collision avoidance according to
NFCIP-1 standard, and the direct command NFC response field ON performs a Response
collision avoidance according to NFCIP-1 standard. See Figure 28, Figure 29 and Table 14
for details on the timing of these commands.
Figure 28. Direct command NFC initial field ON
MS42450V1
TIDT
TIRFG
n x TRFW
Start
RF on
TRFW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com