Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 63 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 59Page - STMicroelectronics ST25R3916 Datasheet HTML 60Page - STMicroelectronics ST25R3916 Datasheet HTML 61Page - STMicroelectronics ST25R3916 Datasheet HTML 62Page - STMicroelectronics ST25R3916 Datasheet HTML 63Page - STMicroelectronics ST25R3916 Datasheet HTML 64Page - STMicroelectronics ST25R3916 Datasheet HTML 65Page - STMicroelectronics ST25R3916 Datasheet HTML 66Page - STMicroelectronics ST25R3916 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 157 page
background image
DS12484 Rev 4
63/157
ST25R3916/7
Application information
156
Figure 29. Direct command NFC response field ON
4.4.6
Mask receive data and Unmask receive data
The direct command Mask receive data disables processing of the receiver output by the
RX decoders, RSSI measurement, and AGC operation.
The direct command Unmask receive data enables processing of the received data by the
RX decoders, RSSI measurement and AGC operation. A common use of this command is
to re-enable the receiver operation after it was masked by the command Mask receive data.
If the Mask receive timer is still running while the direct command Unmask receive data is
received, reception is enabled, and the Mask receive timer is reset.
In passive target (card emulation) mode, the Unmask receive data command prepares the
RX decoders for a new data reception and clears the internal FDT timer. In passive target
mode, this direct command must be used only if no further transmission from the
ST25R3916/7 is planned and the device has to wait for the next command to be received.
4.4.7
Change AM modulation state
This command changes the AM modulation state from unmodulated to modulated, and vice
versa. This can be used to measure the AM modulation index with the direct command
Measure amplitude.
MS42451V1
TADT
TARFG
n x TRFW
Start
RF on
TRFW
Table 14. Timing parameters of NFC field ON commands
Parameter
Symbol
Value
Unit
Notes
Initial delay time
TIDT
4096
/ fc
NFC initial field ON
RF waiting time
TRFW
512
/ fc
n = 0…3 based on nfc_n<1:0> in Auxiliary
definition register
Initial guard time
TIRFG
75 µs +
NFC field on guard time
s
NFC field on guard time defined in the NFC field
on guard timer register.
NFCIP-1 TIRFG requirement: 5 to 35 ms
Active delay time
TADT
768
/ fc
NFC response field ON
Active guard time
TARFG
75 µs +
NFC field on guard time
s
NFC field ON guard time defined in the NFC
field on guard timer register.
NFCPIP-1 TARFG requirement:
> 75 µs + NFC field ON guard times (1024 / fc)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com