Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 86 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 82Page - STMicroelectronics ST25R3916 Datasheet HTML 83Page - STMicroelectronics ST25R3916 Datasheet HTML 84Page - STMicroelectronics ST25R3916 Datasheet HTML 85Page - STMicroelectronics ST25R3916 Datasheet HTML 86Page - STMicroelectronics ST25R3916 Datasheet HTML 87Page - STMicroelectronics ST25R3916 Datasheet HTML 88Page - STMicroelectronics ST25R3916 Datasheet HTML 89Page - STMicroelectronics ST25R3916 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 157 page
background image
Application information
ST25R3916/7
86/157
DS12484 Rev 4
4.5.16
Receiver configuration register 3
Register space: A
Address: 0Dh
Type: RW
4.5.17
Receiver configuration register 4
Register space: A
Address: 0Eh
Type: RW
Table 42. Receiver configuration register 3
Bit
Name
Default
Function
Comments
7
rg1_am2
1
Gain reduction/boost in first gain
stage of AM channel.
0: Full gain
1-6: Gain reduction 2.5 dB per step (15 dB total)
7: Boost + 5.5 dB
6
rg1_am1
1
5
rg1_am0
0
4
rg1_pm2
1
Gain reduction/boost in first gain
stage of PM channel.
0: Full gain
1-6: Gain reduction 2.5 dB per step (15 dB total)
7: Boost + 5.5 dB
3
rg1_pm1
1
2
rg1_pm0
0
1
lf_en
0
0: HF signal on receiver input
1: LF signal on receiver input
-
0
lf_op
0
0: differential LF operation
1: LF input split (RFI1 to AM
channel, RFI2 to PM channel)
-
Table 43. Receiver configuration register 4(1)
Bit
Name
Default
Function
Comments
7
rg2_am3
0
AM channel: gain reduction in
second and third stage and
digitizer
Only values from 0h to Ah are used:
– settings 1h to 4h reduce gain by increasing the
digitizer window in 3 dB steps
– values from 5h to Ah additionally reduce the
gain in second and third gain stage, always in
3 dB steps.
6
rg2_am2
0
5
rg2_am1
0
4
rg2_am0
0
3
rg2_pm3
0
PM channel: gain reduction in
second and third stage and
digitizer
Only values from 0h to Ah are used:
– settings 1h to 4h reduce gain by increasing the
digitizer window in 3 dB steps
– values from 5h to Ah additionally reduce the
gain in second and third gain stage, always in
3 dB steps.
2
rg2_pm2
0
1
rg2_pm1
0
0
rg2_pm0
0
1. Direct command Reset RX gain is necessary to load the value of this register into AGC, Squelch, and RSSI block.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com