Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 7Page - STMicroelectronics ST25R3916 Datasheet HTML 8Page - STMicroelectronics ST25R3916 Datasheet HTML 9Page - STMicroelectronics ST25R3916 Datasheet HTML 10Page - STMicroelectronics ST25R3916 Datasheet HTML 11Page - STMicroelectronics ST25R3916 Datasheet HTML 12Page - STMicroelectronics ST25R3916 Datasheet HTML 13Page - STMicroelectronics ST25R3916 Datasheet HTML 14Page - STMicroelectronics ST25R3916 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
DS12484 Rev 4
11/157
ST25R3916/7
Applications
156
1
Applications
The ST25R3916 and ST25R3917 devices (hereinafter referred to as ST25R3916/7) are
suitable for a wide range of NFC and HF RFID applications, among them
NFC Forum compliant NFC universal device
EMVCo 3.0 compliant contactless payment terminal
ISO14443 and ISO15693 compliant general purpose NFC device
FeliCa™ reader / writer
Support of all five NFC Forum Tag types in reader mode
Support all common proprietary protocols, such as Kovio, CTS, B’.
The main differences between the two devices are detailed in Table 1.
Table 1. List of features
Feature
ST25R3916
ST25R3917
ISO/IEC 14443 Type-A
Yes
ISO/IEC 14443 Type-B
Yes
ISO/IEC 15693
Yes
FeliCa™
Yes
NFC Tag read support
NFC Type 1 Tag
NFC Type 2 Tag
NFC Type 3 Tag
NFC Type 4 Tag
NFC Type 5 Tag
ISO/IEC 18092 Passive Initiator mode
Yes
ISO/IEC 18092 Passive Target mode
Yes
No
ISO/IEC 18092 Active Initiator and Target mode
Yes
No
Automatic antenna tuning (AAT)
Yes
No
Card emulation
Yes
No
Capacitive sensor wakeup
Yes
No
Inductive sensor wakeup
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com