Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 84 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 80Page - STMicroelectronics ST25R3916 Datasheet HTML 81Page - STMicroelectronics ST25R3916 Datasheet HTML 82Page - STMicroelectronics ST25R3916 Datasheet HTML 83Page - STMicroelectronics ST25R3916 Datasheet HTML 84Page - STMicroelectronics ST25R3916 Datasheet HTML 85Page - STMicroelectronics ST25R3916 Datasheet HTML 86Page - STMicroelectronics ST25R3916 Datasheet HTML 87Page - STMicroelectronics ST25R3916 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 157 page
background image
Application information
ST25R3916/7
84/157
DS12484 Rev 4
4.5.14
Receiver configuration register 1
Register space: A
Address: 0Bh
Type: RW
Table 40. Receiver configuration register 1
Bit
Name
Default
Function
Comments
7
ch_sel
0
0: Enable AM channel
1: Enable PM channel
If only one Rx channel is enabled in the
Operation control register defines which channel
is enabled.
If both channels are enabled and manual
channel selection is active defines which channel
is used for receive framing.
6lp2
0
Low-pass control (see Table 5)
-
5lp1
0
4lp0
0
3
z600k
0
First and third stage zero setting
(see Table 6)
2
h200
0
1h80
0
0
z12k
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com