Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 42 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 38Page - STMicroelectronics ST25R3916 Datasheet HTML 39Page - STMicroelectronics ST25R3916 Datasheet HTML 40Page - STMicroelectronics ST25R3916 Datasheet HTML 41Page - STMicroelectronics ST25R3916 Datasheet HTML 42Page - STMicroelectronics ST25R3916 Datasheet HTML 43Page - STMicroelectronics ST25R3916 Datasheet HTML 44Page - STMicroelectronics ST25R3916 Datasheet HTML 45Page - STMicroelectronics ST25R3916 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 157 page
background image
Application information
ST25R3916/7
42/157
DS12484 Rev 4
3.3 V supply mode is set this block is disabled, its output is connected to VDD through a
1kΩ resistor.
Typical consumption of Power-down support block is 600 nA at 5 V supply.
Measurement of supply voltages
Using direct command Measure power supply it is possible to measure VDD and regulated
voltages VDD_A, VDD_D and VDD_RF.
4.2.12
Overshoot / undershoot protection
The overshoot / undershoot protection mechanism makes it possible to control the
transmitting waveform during challenging test conditions. This is accomplished by setting bit
patterns in the corresponding registers that produce additional signals during the transition
phase from modulated to unmodulated state or vice versa.
The operation of this protection is explained by using the overshoot registers. The overshoot
mechanism is only effective when bits are written in ov_pattern<13:0>. Setting
ov_pattern<13:0> to 0 implicitly disables the overshoot protection, as the configuration from
Mode definition register and TX driver register is applied for all clock cycles after the
transition.
The overshoot mode has to be set in control bits ov_tx_mode<1:0> and defines the drive
level for the complete bit pattern. Three modes are available.
ov_tx_mode<1:0> = 00b: the transmitter outputs are driven with VDD_DR when the
respective ov_pattern bit is 1.
ov_tx_mode<1:0> = 01b: the transmitter outputs are driven with VDD_AM when the
respective ov_pattern bit is 1.
ov_tx_mode<1:0> = 10b: the transmitter outputs are stopped (like Type A pause) when
the respective ov_pattern bit is 1.
The overshoot protection pattern ov_pattern<13:0> is applied LSB first. For the first 14 clock
cycles after the transition from modulated to unmodulated state, each of the 14 bits of the
overshoot protection pattern specifies the driver configuration to apply. So ov_pattern<0>
defines which driver configuration to apply for the first clock cycle after the transition from
modulated to unmodulated state, and ov_pattern<9> defines which driver configuration to
apply for the tenth clock cycle after the transition from modulated to unmodulated state.
From the 15th clock cycle on the settings from TX driver register are used.
The undershoot protection works in a similar manner for transitions from unmodulated state
of the carrier to modulated state of the carrier.
4.2.13
Reader operation
The Ready mode has to be entered by setting the bit en of the Operation control register. In
this mode the oscillator is started and the regulators are enabled. When the oscillator
operation is stable an interrupt is sent and bit osc_ok indicates it.
The operation mode and data rate must be then configured by writing the Mode definition
register and Bit rate definition register. The receiver and transmitter operation options
related to operation mode have to be defined too. If the selected operation mode uses AM
modulation for communication reader to tag the modulation depth must be configured.
Before sending any command to a transponder the transmitter and receiver have to be
enabled by setting the bits rx_en and tx_en. Several NFC standards define a guard time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com