Electronic Components Datasheet Search
  English  ▼

X  

ST25R3916 Datasheet(PDF) 71 Page - STMicroelectronics

Part # ST25R3916
Description  High performance NFC universal device and EMVCo™ reader
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3916 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ST25R3916 Datasheet HTML 67Page - STMicroelectronics ST25R3916 Datasheet HTML 68Page - STMicroelectronics ST25R3916 Datasheet HTML 69Page - STMicroelectronics ST25R3916 Datasheet HTML 70Page - STMicroelectronics ST25R3916 Datasheet HTML 71Page - STMicroelectronics ST25R3916 Datasheet HTML 72Page - STMicroelectronics ST25R3916 Datasheet HTML 73Page - STMicroelectronics ST25R3916 Datasheet HTML 74Page - STMicroelectronics ST25R3916 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
DS12484 Rev 4
71/157
ST25R3916/7
Application information
156
4.5.1
IO configuration register 1
Register space: A
Address: 00h
Type: RW
Table 19. IO configuration register 1
Bit
Name
Default
Function
Comments
7single
0
0: Differential antenna driving
1: Only one RFO driver will be used
Chooses between single and
differential antenna driving.
6rfo2
0
0: RFO1, RFI1
1: RFO2, RFI2
Chooses which output driver and
which input will be used in case of
single driving.
5
i2c_thd1
0
I2C tHD: non hs-modes / hs-modes
00: 380 ns / 160 ns
01: 180 ns / 160 ns
10: 180 ns / 70 ns
11: 100 ns / 70 ns
-
4
i2c_thd0
0
-
3RFU
0
-
-
2
out_cl1
0
out_cl1
out_cl0
MCU_CLK
Selection of clock frequency on
MCU_CLK output in case Xtal
oscillator is running. With “11”
MCU_CLK output is permanently
low.
00
3.39 MHz
01
6.78 MHz
1
out_cl0
0
1
0
13.56 MHz
1
1
Disabled
0
lf_clk_off
0
0: LF clock on MCU_CLK
1: No LF clock on MCU_CLK
By default the 32 kHz LF clock is
present on MCU_CLK output when
Xtal oscillator is not running and the
MCU_CLK output is not disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com