Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 38 Page - Texas Instruments

Back Button AM625 Datasheet HTML 34Page - Texas Instruments AM625 Datasheet HTML 35Page - Texas Instruments AM625 Datasheet HTML 36Page - Texas Instruments AM625 Datasheet HTML 37Page - Texas Instruments AM625 Datasheet HTML 38Page - Texas Instruments AM625 Datasheet HTML 39Page - Texas Instruments AM625 Datasheet HTML 40Page - Texas Instruments AM625 Datasheet HTML 41Page - Texas Instruments AM625 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 255 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B21
B19
MMC1_DAT1
PADCONFIG:
PADCONFIG139
0x000F422C
MMC1_DAT1
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
CP_GEMAC_CPTS0_HW1TSPUSH
1
I
0
TIMER_IO2
2
IO
0
UART2_RTSn
3
O
ECAP1_IN_APWM_OUT
4
IO
0
GPIO1_44
7
IO
pad
C21
B20
MMC1_DAT2
PADCONFIG:
PADCONFIG138
0x000F4228
MMC1_DAT2
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
CP_GEMAC_CPTS0_TS_SYNC
1
O
TIMER_IO1
2
IO
0
UART2_TXD
3
O
GPIO1_43
7
IO
pad
D22
C19
MMC1_DAT3
PADCONFIG:
PADCONFIG137
0x000F4224
MMC1_DAT3
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV5
Yes
SDIO
PU/PD
CP_GEMAC_CPTS0_TS_COMP
1
O
TIMER_IO0
2
IO
0
UART2_RXD
3
I
1
GPIO1_42
7
IO
pad
B24
B21
MMC2_DAT0
PADCONFIG:
PADCONFIG69
0x000F4114
MMC2_DAT0
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR0
1
IO
0
GPIO0_68
7
IO
pad
C25
D21
MMC2_DAT1
PADCONFIG:
PADCONFIG68
0x000F4110
MMC2_DAT1
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR1
1
IO
0
GPIO0_67
7
IO
pad
E23
E19
MMC2_DAT2
PADCONFIG:
PADCONFIG67
0x000F410C
MMC2_DAT2
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR2
1
IO
0
UART5_TXD
3
O
GPIO0_66
7
IO
pad
D24
E20
MMC2_DAT3
PADCONFIG:
PADCONFIG66
0x000F4108
MMC2_DAT3
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV6
Yes
SDIO
PU/PD
MCASP1_AXR3
1
IO
0
UART5_RXD
3
I
1
GPIO0_65
7
IO
pad
AA5
AA2
OLDI0_A0N
OLDI0_A0N
IO
1.8 V
VDDA_1P8_OLDI
OLDI
Y6
AA3
OLDI0_A0P
OLDI0_A0P
IO
1.8 V
VDDA_1P8_OLDI
OLDI
AD3
V5
OLDI0_A1N
OLDI0_A1N
IO
1.8 V
VDDA_1P8_OLDI
OLDI
AB4
V6
OLDI0_A1P
OLDI0_A1P
IO
1.8 V
VDDA_1P8_OLDI
OLDI
Y8
U7
OLDI0_A2N
OLDI0_A2N
IO
1.8 V
VDDA_1P8_OLDI
OLDI
AA8
U6
OLDI0_A2P
OLDI0_A2P
IO
1.8 V
VDDA_1P8_OLDI
OLDI
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
www.ti.com
38
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com