Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 77 Page - Texas Instruments

Back Button AM625 Datasheet HTML 73Page - Texas Instruments AM625 Datasheet HTML 74Page - Texas Instruments AM625 Datasheet HTML 75Page - Texas Instruments AM625 Datasheet HTML 76Page - Texas Instruments AM625 Datasheet HTML 77Page - Texas Instruments AM625 Datasheet HTML 78Page - Texas Instruments AM625 Datasheet HTML 79Page - Texas Instruments AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 255 page
background image
Table 6-49. Power Supply Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
VSS
PWR
Ground
A1, A24, A25,
AA11, AB9,
AD1, AD12,
AD16, AD25,
AD9, AE1,
AE12, AE16,
AE24, AE25,
AE8, B25, F13,
G13, G19,
H13, H16,
H18, H20, J13,
J7, K13, K15,
K19, K7, L20,
M10, M12,
M13, M17,
M18, M7, M8,
N15, P10, P13,
P7, R13, R15,
R18, R20, T13,
T14, T16, T17,
T18, T8, U19,
U8, V10, V11,
V13, V16, V18,
V9, W7, Y2
A1, A21, A4,
AA1, AA12,
AA15, AA21,
AA9, D11,
D19, D4, E2,
F11, F13, F15,
F4, F9, G16,
G6, G9, H1,
H13, H6, J10,
J12, J14, J16,
J6, K13, K3,
K6, K8, L1,
L10, L12, L14,
L16, L6, M11,
M16, M18, M6,
M9, N12, N14,
N6, P1, P10,
P13, P15, P16,
P3, P6, R16,
R5, R7, R8,
T10, T12, T15,
T3, T6, T7, T9,
U10, U13, U5,
U8, V11, V14,
V19, W10,
W13, W7, Y11,
Y14, Y3, Y4,
Y6
(1)
This pin must always be connected via a 1-μF capacitor to VSS.
6.3.21 PRUSS
Note
The PRUSS contains a second layer of peripheral signal multiplexing to enable additional functionality
on the PRU GPO and GPI signals. This internal wrapper multiplexing is described in the PRUSS
chapter in the device TRM
6.3.21.1 MAIN Domain
Table 6-50. PRUSS0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
PR0_ECAP0_IN_APWM_OUT
IO
PRUSS Enhanced Capture (ECAP) Input or
Auxiliary PWM (APWM) Ouput
AC24, AD21,
B15, E18, M22
C13, D18, J19,
U17, W17
PR0_ECAP0_SYNC_IN
I
PRUSS ECAP Sync Input
A13, AD23
C11, V18
PR0_ECAP0_SYNC_OUT
O
PRUSS ECAP Sync Output
A15, AC20
B14, V16
PR0_IEP0_EDIO_DATA_IN_OUT28
IO
PRUSS Industrial Ethernet Digital I/O Data
Input/Output
B19
B18
PR0_IEP0_EDIO_DATA_IN_OUT29
IO
PRUSS Industrial Ethernet Digital I/O Data
Input/Output
A19
B17
PR0_IEP0_EDIO_DATA_IN_OUT30
IO
PRUSS Industrial Ethernet Digital I/O Data
Input/Output
B16
E12
PR0_IEP0_EDIO_DATA_IN_OUT31
IO
PRUSS Industrial Ethernet Digital I/O Data
Input/Output
A16
D14
PR0_PRU0_GPI0
I
PRUSS PRU Data Input
AD22, M25,
T22, V20, Y4
K19, N17, T18,
W1, W19
PR0_PRU0_GPI1
I
PRUSS PRU Data Input
AA23, AA3,
AD23, N23,
T24
L19, N19, U20,
V18, W2
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com