Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 83 Page - Texas Instruments

Back Button AM625 Datasheet HTML 79Page - Texas Instruments AM625 Datasheet HTML 80Page - Texas Instruments AM625 Datasheet HTML 81Page - Texas Instruments AM625 Datasheet HTML 82Page - Texas Instruments AM625 Datasheet HTML 83Page - Texas Instruments AM625 Datasheet HTML 84Page - Texas Instruments AM625 Datasheet HTML 85Page - Texas Instruments AM625 Datasheet HTML 86Page - Texas Instruments AM625 Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 255 page
background image
6.3.24.2 MCU Domain
Table 6-61. MCU_TIMER Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
MCU_TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single
timer instance)
A6, B3
B8, C4
MCU_TIMER_IO1
IO
Timer Inputs and Outputs (not tied to single
timer instance)
B6, B8
C8, D7
MCU_TIMER_IO2
IO
Timer Inputs and Outputs (not tied to single
timer instance)
E5
D5
MCU_TIMER_IO3
IO
Timer Inputs and Outputs (not tied to single
timer instance)
D4
D6
6.3.24.3 WKUP Domain
Table 6-62. WKUP_TIMER Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
WKUP_TIMER_IO0
IO
Timer Inputs and Outputs (not tied to single
timer instance)
C6, D6
A7, C5
WKUP_TIMER_IO1
IO
Timer Inputs and Outputs (not tied to single
timer instance)
A4, E8
B4, E7
6.3.25 UART
6.3.25.1 MAIN Domain
Table 6-63. UART0 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
UART0_CTSn
I
UART Clear to Send (active low)
A15
B14
UART0_RTSn
O
UART Request to Send (active low)
B15
C13
UART0_RXD
I
UART Receive Data
D14
A13
UART0_TXD
O
UART Transmit Data
E14
E11
Table 6-64. UART1 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
UART1_CTSn
I
UART Clear to Send (active low)
B19
B18
UART1_DCDn
I
UART Clear to Send (active low)
B16
E12
UART1_DSRn
I
UART Data Set Ready (active low)
A16
D14
UART1_DTRn
O
UART Data Terminal Ready (active low)
C15
B13
UART1_RIn
I
UART Ring Indicator
E15
A15
UART1_RTSn
O
UART Request to Send (active low)
A19
B17
UART1_RXD
I
UART Receive Data
B17, E19
A17, D15
UART1_TXD
O
UART Transmit Data
A17, A20
A16, D16
Table 6-65. UART2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
ALW PIN [4]
AMC PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
A22, AB2,
AC24, U25
A19, P19, U17,
Y2
UART2_RTSn
O
UART Request to Send (active low)
AC1, AC25,
B21, U24
B19, P20, T16,
W3
UART2_RXD
I
UART Receive Data
A15, AC2,
D22, R24, U22
B14, C19,
N20, R21, V4
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
83
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com