| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 65 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 65 Page - Texas Instruments |
|
65 / 255 page ![]() Table 6-22. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] GPIO0_59 IO General Purpose Input/Output Y22 U18 GPIO0_60 IO General Purpose Input/Output AA21 V20 GPIO0_61 IO General Purpose Input/Output AB24 W21 GPIO0_62 IO General Purpose Input/Output Y20 T17 GPIO0_63 IO General Purpose Input/Output AC25 T16 GPIO0_64 IO General Purpose Input/Output AC24 U17 GPIO0_65 (1) IO General Purpose Input/Output D24 E20 GPIO0_66 (1) IO General Purpose Input/Output E23 E19 GPIO0_67 (1) IO General Purpose Input/Output C25 D21 GPIO0_68 (1) IO General Purpose Input/Output B24 B21 GPIO0_69 (1) IO General Purpose Input/Output D25 E21 GPIO0_70 (1) IO General Purpose Input/Output C24 C21 GPIO0_71 (1) IO General Purpose Input/Output A23 D20 GPIO0_72 (1) IO General Purpose Input/Output B23 C20 GPIO0_73 IO General Purpose Input/Output AD19 V15 GPIO0_74 IO General Purpose Input/Output AE19 W16 GPIO0_75 IO General Purpose Input/Output AE20 U14 GPIO0_76 IO General Purpose Input/Output AD20 AA19 GPIO0_77 IO General Purpose Input/Output AE18 Y17 GPIO0_78 IO General Purpose Input/Output AD18 AA18 GPIO0_79 IO General Purpose Input/Output AE17 W14 GPIO0_80 IO General Purpose Input/Output AD17 AA16 GPIO0_81 IO General Purpose Input/Output AB17 W15 GPIO0_82 IO General Purpose Input/Output AC17 Y16 GPIO0_83 IO General Purpose Input/Output AB16 AA17 GPIO0_84 IO General Purpose Input/Output AA15 Y15 GPIO0_85 IO General Purpose Input/Output AB22 U16 GPIO0_86 IO General Purpose Input/Output AD24 V17 GPIO0_87 IO General Purpose Input/Output AA19 Y21 GPIO0_88 IO General Purpose Input/Output AE21 Y18 GPIO0_89 IO General Purpose Input/Output Y18 AA20 GPIO0_90 IO General Purpose Input/Output AA18 U15 GPIO0_91 IO General Purpose Input/Output AD21 W17 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. Table 6-23. GPIO1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] GPIO1_0 IO General Purpose Input/Output AC20 V16 GPIO1_1 IO General Purpose Input/Output AD22 W19 GPIO1_2 IO General Purpose Input/Output AD23 V18 GPIO1_3 IO General Purpose Input/Output AE23 W18 GPIO1_4 IO General Purpose Input/Output AB20 Y20 GPIO1_5 IO General Purpose Input/Output AC21 Y19 GPIO1_6 IO General Purpose Input/Output AE22 W20 GPIO1_7 IO General Purpose Input/Output B19 B18 www.ti.com AM625, AM623 SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 65 Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |