Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 88 Page - Texas Instruments

Back Button AM625 Datasheet HTML 84Page - Texas Instruments AM625 Datasheet HTML 85Page - Texas Instruments AM625 Datasheet HTML 86Page - Texas Instruments AM625 Datasheet HTML 87Page - Texas Instruments AM625 Datasheet HTML 88Page - Texas Instruments AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 255 page
background image
Table 6-74. Connectivity Requirements (continued)
ALW
BALL
NUMBER
AMC
BALL
NUMBER
BALL NAME
CONNECTION REQUIREMENTS
AE11
AD11
AE10
AC11
AD10
AE9
AC9
AB10
AA11
Y10
T8
V10
W8
W9
V9
U9
USB0_DM
USB0_DP
USB0_RCALIB
USB0_VBUS
USB1_DM
USB1_DP
USB1_RCALIB
USB1_VBUS
If USB0 or USB1 is not used, leave the respective DM, DP, and
VBUS balls unconnected.
Note: The USB0_RCALIB and USB1_RCALIB pins can only
be left unconnected when VDDA_CORE_USB, VDDA_1P8_USB,
and VDDA_3P3_USB are connected to VSS. The USB0_RCALIB
and USB1_RCALIB pins must be connected to VSS through
separate appropriate external resistors when VDDA_CORE_USB,
VDDA_1P8_USB, and VDDA_3P3_USB are connected to power
sources.
W13
W14
P12
R12
VDDA_CORE_CSIRX0
VDDA_1P8_CSIRX0
If CSIRX0 is not used and the device boundary scan function is
required, each of these balls must be connected to valid power
sources.
If CSIRX0 is not used and the device boundary scan function is not
required, each of these balls can alternatively be connected directly
to VSS.
AD15
AE15
AB14
AC15
AD14
AE14
AD13
AE13
AB12
AC13
AA14
AA14
AA13
Y13
Y12
V13
V12
U12
U11
W12
W11
T11
CSI0_RXCLKN
CSI0_RXCLKP
CSI0_RXN0
CSI0_RXP0
CSI0_RXN1
CSI0_RXP1
CSI0_RXN2
CSI0_RXP2
CSI0_RXN3
CSI0_RXP3
CSI0_RXRCALIB
If CSIRX0 is not used, leave unconnected.
AA5
Y6
AD3
AB4
Y8
AA8
AB6
AA7
AC6
AC5
AE5
AD6
AE6
AD7
AD8
AE7
AD4
AE3
AE4
AD5
AA2
AA3
V5
V6
U7
U6
W6
W5
AA4
Y5
AA6
AA5
AA10
Y9
AA8
Y8
V7
V8
Y7
AA7
OLDI0_A0N
OLDI0_A0P
OLDI0_A1N
OLDI0_A1P
OLDI0_A2N
OLDI0_A2P
OLDI0_A3N
OLDI0_A3P
OLDI0_A4N
OLDI0_A4P
OLDI0_A5N
OLDI0_A5P
OLDI0_A6N
OLDI0_A6P
OLDI0_A7N
OLDI0_A7P
OLDI0_CLK0N
OLDI0_CLK0P
OLDI0_CLK1N
OLDI0_CLK1P
If OLDI0 is not used, leave unconnected.
H10
F6
VMON_VSYS
If VMON_VSYS is not used, this ball must be connected directly to
VSS.
G10
K10
H9
K11
VMON_1P8_SOC
VMON_3P3_SOC
If VMON_1P8_SOC and VMON_3P3_SOC are not used to monitor
the SOC power rails, these balls must still be connected to their
respective 1.8V and 3.3V power rails.
(1)
To determine which power supply is associated with any IO, see POWER column of the Pin Attributes table.
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
www.ti.com
88
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com