Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments AM625 Datasheet HTML 12Page - Texas Instruments AM625 Datasheet HTML 13Page - Texas Instruments AM625 Datasheet HTML 14Page - Texas Instruments AM625 Datasheet HTML 15Page - Texas Instruments AM625 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 255 page
background image
Table 5-1. Device Comparison (continued)
FEATURES
REFERENCE
NAME
AM625
AM623
AM6254
AM6252
AM6251
AM6234
AM6232
AM6231
Enhanced Pulse-Width Modulator
Module
EPWM
3
Enhanced Capture Module
ECAP
3
Enhanced Quadrature Encoder Pulse
Module
EQEP
3
Universal Asynchronous Receiver and
Transmitter
UART
9
CSI2-RX Controller with DPHY
CSI-RX
1
USB2.0 Controller with PHY
USB 2.0
2
(1)
For more details about the CTRLMMR_WKUP_JTAG_DEVICE_ID register and DEVICE_ID bit field, see the device TRM.
(2)
One flash interface, configured as OSPI0 or QSPI0.
(3)
PRU Subsystem (PRUSS) is available when selecting an orderable part number that includes a Features code of C. Refer to Device
Naming Convention for definition of feature codes.
(4)
Industrial Communication Subsystem support is not available for this family of devices.
(5)
Functional Safety is available when selecting an orderable part number that includes a Functional Safety code of F. Refer to Device
Naming Convention for definition of feature codes.
5.1 Related Products
Sitara™ processors Broad family of scalable processors based on Arm® Cortex®-A cores with flexible
accelerators, peripherals, connectivity and unified software support – perfect for sensors to servers. Sitara
processors have the reliability needed for use in industrial applications.
AM625 Sitara™ processors Human-machine-interaction SoC with Arm® Cortex®-A53-based edge AI and
full-HD dual display. The low-cost AM625x Sitara™ MPU family of application processors are built for Linux®
application development. With scalable Arm® Cortex®-A53 performance and embedded features, such as:
dual-display support and 3D graphics acceleration, along with an extensive set of peripherals that make the
AM62x device well-suited for a broad range of industrial and automotive applications while offering intelligent
features and optimized power architecture as well.
AM623 Sitara™ processors Internet of Things (IoT) and gateway SoC with Arm® Cortex®-A53-based object
and gesture recognition. The low-cost AM623x Sitara™ MPU family of application processors are built for
Linux® application development. With scalable Arm® Cortex®-A53 performance and embedded features, such
as: dual-display support, along with an extensive set of peripherals that make the AM62x device well-suited for
a broad range of industrial and automotive applications while offering intelligent features and optimized power
architecture as well.
Sitara™ AM62x Developer Portal TI provides a wide range of design resource to ease customers’ evaluation
and development on AM62x platform. You can find the most important design resource in this page, such
as evaluation boards/reference designs, demos, software development kit for Linux/Android/Realtime-Linux/
FreeRTOS, SDK developer guide, configuration tools, Linux academy.
Sitara™ AM62x processors - Design Galley TI provides many reference designs containing ‘building block’
solutions to enable customers to rapidly develop their own unique products and solutions. here are 10+
reference designs with demos for analytic, HMI, and connectivity.
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com