Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM625 Datasheet HTML 3Page - Texas Instruments AM625 Datasheet HTML 4Page - Texas Instruments AM625 Datasheet HTML 5Page - Texas Instruments AM625 Datasheet HTML 6Page - Texas Instruments AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 255 page
background image
4 Revision History
Changes from June 1, 2022 to November 11, 2022 (from Revision * (JUNE 2022) to Revision A
(NOVEMBER 2022))
Page
• Global: Changed the document status from "Advance Information" to "Production Mixed Status", where
document content includes both "Production Data" and "Advance Information". Currently only the ALW
packaged devices are fully-qualified with Production Data. The AMC packaged devices are still in the process
of being fully-qualified, so all information related to these devices is Advance Information............................... 1
• Global: Changed all instances of "PRU-ICSS", "PRU_ICSS", and "PRU_ICSSM" to "PRUSS"....................... 1
• Global: Changed all instances of "Device and Power Manager", "Device Manager", and "Power Manager" to
"Device/Power Manager"....................................................................................................................................1
• Global: Changed all GPU "OpenGL ES 3.x" and "OpenGL ES 3.0" references to "OpenGL ES 3.1"...............1
• Global: Changed all "Extended" temperature references to "Extended Industrial" ...........................................1
• (Features): Changed pixel clock frequency in Display subsystem and updated OSPI bullets in Media and
Data Storage.......................................................................................................................................................1
• (Description): Changed 2-port Gigabit Ethernet switch to 3-port Gigabit Ethernet switch in the device
description.......................................................................................................................................................... 4
• (Package Information): Updated table with current part numbers ..................................................................... 4
• (Device Comparison): Added "G' to Speed Grades row .................................................................................. 11
• (Related Products): Added new links and descriptions.................................................................................... 12
• (Pin Attributes - TYPE: Signal type and direction): Added "OD" signal type and direction...............................15
• (Pin Attributes - BALL STATE DURING RESET RX/TX/PULL and BALL STATE AFTER RESET RX/TX/
PULL): Added "NA: Not Applicable" to the description to help clarify the I2C Open-drain Fail-safe (I2C OD
FS) buffer type does not having internal pulls.................................................................................................. 15
• (Pin Attributes - ALW Pins AE10 and AC9 / AMC Pins T8 and V9): Changed "IO" to "A" in the "TYPE" column.
..........................................................................................................................................................................18
• (Pin Attributes - ALW Pins A10 and B10 / AMC Pins C10 and A11): Changed the "TX" value in the "BALL
STATE DURING RESET RX/TX/PULL" column from "NA" to "OFF"................................................................18
• (Pin Attributes - ALW Pins D16, A8, D10, B9, and A9 / AMC Pins B16, B9, A10, E9, and A9): Changed the
"PULL" value in the "BALL STATE DURING RESET RX/TX/PULL" and "BALL STATE AFTER RESET RX/TX/
PULL" columns from "Off" to "NA" to help clarify the I2C Open-drain Fail-safe (I2C OD FS) buffer type does
not having internal pulls.................................................................................................................................... 18
• (Pin Attributes - ALW Pin D2 / AMC Pin B2): Changed "FS_RESET" to "FS RESET" in the "BUFFER TYPE"
column.............................................................................................................................................................. 18
• (Pin Attributes - ALW Pins AA5, Y6, AD3, AB4, Y8, AA8, AB6, AA7, AC6, AC5, AE5, AD6, AE6, AD7, AD8,
AE7, AD4, AE3, AE4, and AD5 / AMC Pins AA2, AA3, V5, V6, U7, U6, W6, W5, AA4, Y5, AA6, AA5, AA10,
Y9, AA8, Y8, V7, V8, Y7, and AA7): Removed non-applicable PADCONFIG register, mux mode, ball state,
and hysteresis information................................................................................................................................18
• (Pin Attributes - ALW Pins D16, A8, D10, B9, and A9 / AMC Pins B16, B9, A10, E9, and A9): Changed
"I2C_OD_FS" to "I2C OD FS" in the "BUFFER TYPE" column........................................................................18
• (Pin Attributes - ALW Pins D1, B2, A3, D2, C2, and C1 / AMC Pins B1, A5, A6, B2, A2, and A3): Changed
"VDDS_OSC" to "VDDS_OSC0" in the "POWER" column...............................................................................18
• (Signal Descriptions - PIN TYPE): Added "OD" signal type and direction........................................................56
• (CSI0 Signal Descriptions): Changed the maximum power dissipation expected for the USB0_RCALIB
calibration resistor from 7.5mW to 7.2mW........................................................................................................56
• (EQEP0 Signal Descriptions): Added a note and note references to identify each EQEP with a debounce
function on its input...........................................................................................................................................56
• (EQEP1 Signal Descriptions): Added a note and note references to identify each EQEP with a debounce
function on its input...........................................................................................................................................56
• (EQEP2 Signal Descriptions): Added a note and note references to identify each EQEP with a debounce
function on its input...........................................................................................................................................56
• (USB0 Signal Descriptions): Changed the maximum power dissipation expected for the USB0_RCALIB
calibration resistor from 7.5mW to 7.2mW........................................................................................................56
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com