| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 56 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 56 Page - Texas Instruments |
|
56 / 255 page ![]() 6.3 Signal Descriptions Many signals are available on multiple pins, according to the software configuration of the pin multiplexing options. The following list describes the column headers: 1. SIGNAL NAME: The name of the signal passing through the pin. Note Signal names and descriptions provided in each Signal Descriptions table, represent the pin multiplexed signal function which is implemented at the pin and selected via PADCONFIG registers. Device subsystems may provide secondary multiplexing of signal functions, which are not described in these tables. For more information on secondary multiplexed signal functions, see the respective peripheral chapter of the device TRM. 2. PIN TYPE: Signal direction and type: • I = Input • O = Output • OD = Output, with open-drain output function • IO = Input, Output, or simultaneously Input and Output • IOD = Input, Output, or simultaneously Input and Output with open-drain output function • IOZ = Input, Output, or simultaneously Input and Output with three-state output function • OZ = Output with three-state output function • A = Analog • PWR = Power • GND = Ground • CAP = LDO Capacitor 3. DESCRIPTION: Description of the signal 4. BALL: Ball number(s) associated with signal For more information on the IO cell configurations, see the Pad Configuration Registers section in Device Configuration chapter of the device TRM. 6.3.1 CPSW3G 6.3.1.1 MAIN Domain Table 6-2. CPSW3G0 RGMII1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] RGMII1_RXC I RGMII Receive Clock AD17 AA16 RGMII1_RX_CTL I RGMII Receive Control AE17 W14 RGMII1_TXC IO RGMII Transmit Clock AE19 W16 RGMII1_TX_CTL O RGMII Transmit Control AD19 V15 RGMII1_RD0 I RGMII Receive Data 0 AB17 W15 RGMII1_RD1 I RGMII Receive Data 1 AC17 Y16 RGMII1_RD2 I RGMII Receive Data 2 AB16 AA17 RGMII1_RD3 I RGMII Receive Data 3 AA15 Y15 RGMII1_TD0 O RGMII Transmit Data 0 AE20 U14 RGMII1_TD1 O RGMII Transmit Data 1 AD20 AA19 RGMII1_TD2 O RGMII Transmit Data 2 AE18 Y17 RGMII1_TD3 O RGMII Transmit Data 3 AD18 AA18 AM625, AM623 SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022 www.ti.com 56 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |