Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AM625 Datasheet HTML 23Page - Texas Instruments AM625 Datasheet HTML 24Page - Texas Instruments AM625 Datasheet HTML 25Page - Texas Instruments AM625 Datasheet HTML 26Page - Texas Instruments AM625 Datasheet HTML 27Page - Texas Instruments AM625 Datasheet HTML 28Page - Texas Instruments AM625 Datasheet HTML 29Page - Texas Instruments AM625 Datasheet HTML 30Page - Texas Instruments AM625 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 255 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
U24
P20
GPMC0_AD15
PADCONFIG:
PADCONFIG30
0x000F4078
GPMC0_AD15
0
IO
0
On / Off / Off
On / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
VOUT0_DATA23
1
O
UART5_TXD
2
O
MCASP2_ACLKR
3
IO
0
PR0_PRU0_GPO3
4
IO
0
PR0_PRU0_GPI3
5
I
0
TRC_DATA19
6
O
GPIO0_30
7
IO
pad
UART2_RTSn
8
O
BOOTMODE15
Bootstrap
I
M24
K17
GPMC0_BE0n_CLE
PADCONFIG:
PADCONFIG36
0x000F4090
GPMC0_BE0n_CLE
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
MCASP1_ACLKX
2
IO
0
PR0_PRU0_GPO12
4
IO
0
PR0_PRU0_GPI12
5
I
0
TRC_DATA10
6
O
GPIO0_35
7
IO
pad
N20
K18
GPMC0_BE1n
PADCONFIG:
PADCONFIG37
0x000F4094
GPMC0_BE1n
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
MCASP2_AXR12
3
IO
0
PR0_PRU0_GPO13
4
IO
0
PR0_PRU0_GPI13
5
I
0
TRC_DATA11
6
O
GPIO0_36
7
IO
pad
M21
J18
GPMC0_CSn0
PADCONFIG:
PADCONFIG42
0x000F40A8
GPMC0_CSn0
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
MCASP2_AXR14
3
IO
0
PR0_PRU0_GPO17
4
IO
0
PR0_PRU0_GPI17
5
I
0
TRC_DATA15
6
O
GPIO0_41
7
IO
pad
L21
H17
GPMC0_CSn1
PADCONFIG:
PADCONFIG43
0x000F40AC
GPMC0_CSn1
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV3
Yes
LVCMOS
PU/PD
PR0_PRU1_GPO16
1
O
PR0_PRU1_GPI16
2
I
0
MCASP2_AXR15
3
IO
0
PR0_PRU0_GPO18
4
IO
0
PR0_PRU0_GPI18
5
I
0
TRC_DATA16
6
O
GPIO0_42
7
IO
pad
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com