Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AM625 Datasheet HTML 41Page - Texas Instruments AM625 Datasheet HTML 42Page - Texas Instruments AM625 Datasheet HTML 43Page - Texas Instruments AM625 Datasheet HTML 44Page - Texas Instruments AM625 Datasheet HTML 45Page - Texas Instruments AM625 Datasheet HTML 46Page - Texas Instruments AM625 Datasheet HTML 47Page - Texas Instruments AM625 Datasheet HTML 48Page - Texas Instruments AM625 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 255 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
A2
C3
RSVD1
RSVD1
N/A
F6
E6
RSVD2
RSVD2
N/A
AE2
F8
RSVD3
RSVD3
N/A
T2
R6
RSVD4
RSVD4
N/A
U4
T13
RSVD5
RSVD5
N/A
AA12
T14
RSVD6
RSVD6
N/A
Y15
M4
RSVD7
RSVD7
N/A
E7
M5
RSVD8
RSVD8
N/A
A14
D12
SPI0_CLK
PADCONFIG:
PADCONFIG111
0x000F41BC
SPI0_CLK
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
CP_GEMAC_CPTS0_TS_SYNC
1
O
EHRPWM1_A
2
IO
0
GPIO1_17
7
IO
pad
A13
C11
SPI0_CS0
PADCONFIG:
PADCONFIG109
0x000F41B4
SPI0_CS0
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
EHRPWM0_A
2
IO
0
PR0_ECAP0_SYNC_IN
6
I
0
GPIO1_15
7
IO
pad
C13
D13
SPI0_CS1
PADCONFIG:
PADCONFIG110
0x000F41B8
SPI0_CS1
0
IO
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
CP_GEMAC_CPTS0_TS_COMP
1
O
EHRPWM0_B
2
IO
0
ECAP0_IN_APWM_OUT
3
IO
0
GPIO1_16
7
IO
pad
EHRPWM_TZn_IN5
9
I
0
B13
C12
SPI0_D0
PADCONFIG:
PADCONFIG112
0x000F41C0
SPI0_D0
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
CP_GEMAC_CPTS0_HW1TSPUSH
1
I
0
EHRPWM1_B
2
IO
0
GPIO1_18
7
IO
pad
B14
A14
SPI0_D1
PADCONFIG:
PADCONFIG113
0x000F41C4
SPI0_D1
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
CP_GEMAC_CPTS0_HW2TSPUSH
1
I
0
EHRPWM_TZn_IN0
2
I
0
GPIO1_19
7
IO
pad
A10
C10
TCK
PADCONFIG:
MCU_PADCONFIG25
0x04084064
TCK
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
A11
D10
TDI
PADCONFIG:
MCU_PADCONFIG27
0x0408406C
TDI
0
I
On / Off / Up
On / Off / Up
0
1.8 V/3.3 V
VDDSHV_MCU
Yes
LVCMOS
PU/PD
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com