Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 29 Page - Texas Instruments

Back Button AM625 Datasheet HTML 25Page - Texas Instruments AM625 Datasheet HTML 26Page - Texas Instruments AM625 Datasheet HTML 27Page - Texas Instruments AM625 Datasheet HTML 28Page - Texas Instruments AM625 Datasheet HTML 29Page - Texas Instruments AM625 Datasheet HTML 30Page - Texas Instruments AM625 Datasheet HTML 31Page - Texas Instruments AM625 Datasheet HTML 32Page - Texas Instruments AM625 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 255 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
B16
E12
I2C0_SCL
PADCONFIG:
PADCONFIG120
0x000F41E0
I2C0_SCL
0
IOD
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
PR0_IEP0_EDIO_DATA_IN_OUT30
1
IO
0
SYNC0_OUT
2
O
OBSCLK0
3
O
UART1_DCDn
4
I
1
EQEP2_A
5
I
0
EHRPWM_SOCA
6
O
GPIO1_26
7
IO
pad
ECAP1_IN_APWM_OUT
8
IO
0
SPI2_CS0
9
IO
1
A16
D14
I2C0_SDA
PADCONFIG:
PADCONFIG121
0x000F41E4
I2C0_SDA
0
IOD
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
PR0_IEP0_EDIO_DATA_IN_OUT31
1
IO
0
SPI2_CS2
2
IO
1
TIMER_IO5
3
IO
0
UART1_DSRn
4
I
1
EQEP2_B
5
I
0
EHRPWM_SOCB
6
O
GPIO1_27
7
IO
pad
ECAP2_IN_APWM_OUT
8
IO
0
B17
A17
I2C1_SCL
PADCONFIG:
PADCONFIG122
0x000F41E8
I2C1_SCL
0
IOD
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_RXD
1
I
1
TIMER_IO0
2
IO
0
SPI2_CS1
3
IO
1
EHRPWM0_SYNCI
4
I
0
GPIO1_28
7
IO
pad
EHRPWM2_A
8
IO
0
MMC2_SDCD
9
I
1
A17
A16
I2C1_SDA
PADCONFIG:
PADCONFIG123
0x000F41EC
I2C1_SDA
0
IOD
1
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV0
Yes
LVCMOS
PU/PD
UART1_TXD
1
O
TIMER_IO1
2
IO
0
SPI2_CLK
3
IO
0
EHRPWM0_SYNCO
4
O
GPIO1_29
7
IO
pad
EHRPWM2_B
8
IO
0
MMC2_SDWP
9
I
1
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com