| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 255 page ![]() Table 6-44. MMC0 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] MMC0_DAT3 IO MMC/SD/SDIO Data Y4 W1 MMC0_DAT4 IO MMC/SD/SDIO Data AB2 Y2 MMC0_DAT5 IO MMC/SD/SDIO Data AC1 W3 MMC0_DAT6 IO MMC/SD/SDIO Data AD2 W4 MMC0_DAT7 IO MMC/SD/SDIO Data AC2 V4 (1) For MMC0_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG135 register must remain in its default state of 0x1 because of retiming purposes. Table 6-45. MMC1 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] MMC1_CLK (1) IO MMC/SD/SDIO Clock B22 A20 MMC1_CMD IO MMC/SD/SDIO Command A21 C18 MMC1_SDCD I SD Card Detect D17 C15 MMC1_SDWP I SD Write Protect C17 B15 MMC1_DAT0 IO MMC/SD/SDIO Data A22 A19 MMC1_DAT1 IO MMC/SD/SDIO Data B21 B19 MMC1_DAT2 IO MMC/SD/SDIO Data C21 B20 MMC1_DAT3 IO MMC/SD/SDIO Data D22 C19 (1) For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG142 register must remain in its default state of 0x1 because of retiming purposes. Table 6-46. MMC2 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] MMC2_CLK (1) IO MMC/SD/SDIO Clock D25 E21 MMC2_CMD IO MMC/SD/SDIO Command C24 C21 MMC2_SDCD I SD Card Detect A15, A23, B17 A17, B14, D20 MMC2_SDWP I SD Write Protect A17, B15, B23 A16, C13, C20 MMC2_DAT0 IO MMC/SD/SDIO Data B24 B21 MMC2_DAT1 IO MMC/SD/SDIO Data C25 D21 MMC2_DAT2 IO MMC/SD/SDIO Data E23 E19 MMC2_DAT3 IO MMC/SD/SDIO Data D24 E20 (1) For MMC2_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG71 register must remain in its default state of 0x1 because of retiming purposes. 6.3.18 OLDI 6.3.18.1 MAIN Domain Table 6-47. OLDI0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] OLDI0_A0N IO OLDI Differential Data (negative) AA5 AA2 OLDI0_A0P IO OLDI Differential Data (positive) Y6 AA3 OLDI0_A1N IO OLDI Differential Data (negative) AD3 V5 OLDI0_A1P IO OLDI Differential Data (positive) AB4 V6 OLDI0_A2N IO OLDI Differential Data (negative) Y8 U7 OLDI0_A2P IO OLDI Differential Data (positive) AA8 U6 OLDI0_A3N IO OLDI Differential Data (negative) AB6 W6 OLDI0_A3P IO OLDI Differential Data (positive) AA7 W5 OLDI0_A4N IO OLDI Differential Data (negative) AC6 AA4 AM625, AM623 SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022 www.ti.com 74 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |