Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 90 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 90 Page - Texas Instruments

Back Button AM625 Datasheet HTML 86Page - Texas Instruments AM625 Datasheet HTML 87Page - Texas Instruments AM625 Datasheet HTML 88Page - Texas Instruments AM625 Datasheet HTML 89Page - Texas Instruments AM625 Datasheet HTML 90Page - Texas Instruments AM625 Datasheet HTML 91Page - Texas Instruments AM625 Datasheet HTML 92Page - Texas Instruments AM625 Datasheet HTML 93Page - Texas Instruments AM625 Datasheet HTML 94Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 255 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating junction temperature range (unless otherwise noted)(1) (2)
PARAMETER
MIN
MAX UNIT
VDD_CORE
Core supply
-0.3
1.05
V
VDDR_CORE
RAM supply
-0.3
1.05
V
VDD_CANUART
CANUART core supply
-0.3
1.05
V
VDDA_CORE_CSIRX0
CSIRX0 core supply
-0.3
1.05
V
VDDA_CORE_USB
USB0 and USB1 core supply
-0.3
1.05
V
VDDA_DDR_PLL0(3)
DDR Deskew PLL supply
-0.3
1.05
V
VDDS_DDR
DDR PHY IO supply
-0.3
1.57
V
VDDS_DDR_C
DDR clock IO supply
-0.3
1.57
V
VDDS_OSC0
MCU_OSC0 supply
-0.3
1.98
V
VDDA_MCU
RCOSC, POR, POK, and MCU PLL analog supply
-0.3
1.98
V
VDDA_PLL0
MAIN PLL, DDR PLL, DSS PLL0, and DSS PLL1 analog
supply
-0.3
1.98
V
VDDA_PLL1
PER0 PLL and PER1 PLL analog supply
-0.3
1.98
V
VDDA_PLL2
ARM0 PLL and SMS PLL analog supply
-0.3
1.98
V
VDDA_1P8_CSIRX0
CSIRX0 1.8 V analog supply
-0.3
1.98
V
VDDA_1P8_OLDI0
OLDI0 1.8 V analog supply
-0.3
1.98
V
VDDA_1P8_USB
USB0 and USB1 1.8 V analog supply
-0.3
1.98
V
VDDA_TEMP0
TEMP0 analog supply
-0.3
1.98
V
VDDA_TEMP1
TEMP1 analog supply
-0.3
1.98
V
VPP
eFuse ROM programming supply
-0.3
1.98
V
VDDSHV_MCU
IO supply for IO MCU
-0.3
3.63
V
VDDSHV_CANUART
IO supply for IO CANUART
-0.3
3.63
V
VDDSHV0
IO supply for IO group 0
-0.3
3.63
V
VDDSHV1
IO supply for IO group 1
-0.3
3.63
V
VDDSHV2
IO supply for IO group 2
-0.3
3.63
V
VDDSHV3
IO supply for IO group 3
-0.3
3.63
V
VDDSHV4
IO supply for IO group 4
-0.3
3.63
V
VDDSHV5
IO supply for IO group 5
-0.3
3.63
V
VDDSHV6
IO supply for IO group 6
-0.3
3.63
V
VDDA_3P3_USB
USB0 and USB1 3.3 V analog supply
-0.3
3.63
V
Steady-state max voltage at all fail-safe IO pins
MCU_PORz
-0.3
3.63
V
MCU_I2C0_SCL, MCU_I2C0_SDA,
WKUP_I2C0_SCL, WKUP_I2C0_SDA,
and EXTINTn
When operating at 1.8V
-0.3
1.98(4)
V
MCU_I2C0_SCL, MCU_I2C0_SDA,
WKUP_I2C0_SCL, WKUP_I2C0_SDA,
and EXTINTn
When operating at 3.3V
-0.3
3.63(4)
VMON_1P8_SOC
-0.3
1.98
V
VMON_3P3_SOC
-0.3
3.63
V
VMON_VSYS(5)
-0.3
1.98
V
Steady-state max voltage at all other IO pins(6)
USB0_VBUS, USB1_VBUS(7)
-0.3
3.6
V
All other IO pins
-0.3
IO supply
voltage + 0.3
V
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
www.ti.com
90
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com