Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 43 Page - Texas Instruments

Back Button AM625 Datasheet HTML 39Page - Texas Instruments AM625 Datasheet HTML 40Page - Texas Instruments AM625 Datasheet HTML 41Page - Texas Instruments AM625 Datasheet HTML 42Page - Texas Instruments AM625 Datasheet HTML 43Page - Texas Instruments AM625 Datasheet HTML 44Page - Texas Instruments AM625 Datasheet HTML 45Page - Texas Instruments AM625 Datasheet HTML 46Page - Texas Instruments AM625 Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 255 page
background image
Table 6-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
AA15
Y15
RGMII1_RD3
PADCONFIG:
PADCONFIG86
0x000F4158
RGMII1_RD3
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
GPIO0_84
7
IO
pad
AE20
U14
RGMII1_TD0
PADCONFIG:
PADCONFIG77
0x000F4134
RGMII1_TD0
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_TXD0
1
O
GPIO0_75
7
IO
pad
AD20
AA19
RGMII1_TD1
PADCONFIG:
PADCONFIG78
0x000F4138
RGMII1_TD1
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_TXD1
1
O
GPIO0_76
7
IO
pad
AE18
Y17
RGMII1_TD2
PADCONFIG:
PADCONFIG79
0x000F413C
RGMII1_TD2
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
PR0_UART0_RXD
2
I
1
GPIO0_77
7
IO
pad
AD18
AA18
RGMII1_TD3
PADCONFIG:
PADCONFIG80
0x000F4140
RGMII1_TD3
0
O
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
PR0_UART0_TXD
2
O
GPIO0_78
7
IO
pad
AE23
W18
RGMII2_RD0
PADCONFIG:
PADCONFIG97
0x000F4184
RGMII2_RD0
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_RXD0
1
I
0
MCASP2_AXR2
2
IO
0
PR0_PRU0_GPO2
3
IO
0
PR0_PRU0_GPI2
4
I
0
PR0_UART0_RTSn
6
O
GPIO1_3
7
IO
pad
AB20
Y20
RGMII2_RD1
PADCONFIG:
PADCONFIG98
0x000F4188
RGMII2_RD1
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_RXD1
1
I
0
MCASP2_AFSR
2
IO
0
PR0_PRU0_GPO3
3
IO
0
PR0_PRU0_GPI3
4
I
0
MCASP2_AXR7
5
IO
0
GPIO1_4
7
IO
pad
AC21
Y19
RGMII2_RD2
PADCONFIG:
PADCONFIG99
0x000F418C
RGMII2_RD2
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8 V/3.3 V
VDDSHV2
Yes
LVCMOS
PU/PD
MCASP2_AXR0
2
IO
0
PR0_PRU0_GPO4
3
IO
0
PR0_PRU0_GPI4
4
I
0
PR0_UART0_RXD
5
I
1
GPIO1_5
7
IO
pad
EQEP2_A
8
I
0
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com