Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments AM625 Datasheet HTML 12Page - Texas Instruments AM625 Datasheet HTML 13Page - Texas Instruments AM625 Datasheet HTML 14Page - Texas Instruments AM625 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 255 page
background image
5 Device Comparison
Table 5-1 shows a comparison between devices, highlighting the differences.
Note
Availability of features listed in this table are a function of shared IO pins, where IO signals associated
with many of the features are multiplexed to a limited number of pins. The SysConfig tool should
be used to assign signal functions to pins. This will provide a better understanding of limitations
associated with pin multiplexing.
Note
To understand what device features are currently supported by TI Software Development Kits
(SDKs), search for the AM62x Software Build Sheet located in the Downloads tab option provided
at Processor-SDK-AM62x.
Table 5-1. Device Comparison
FEATURES
REFERENCE
NAME
AM625
AM623
AM6254
AM6252
AM6251
AM6234
AM6232
AM6231
CTRLMMR_WKUP_JTAG_DEVICE_ID[31:13]
DEVICE_ID register bit field value(1)
C: 0x1D123
G: 0x1D127
C: 0x1D0A3
G: 0x1D0A7
G: 0x1D067
C: 0x1D103
G: 0x1D107
C: 0x1D083
G: 0x1D087
 
G: 0x1D047
PROCESSORS AND ACCELERATORS
Speed Grades (See Table 7-1)
T, S, K, G
Arm Cortex-A53
Microprocessor Subsystem
Arm A53
Quad Core
Dual Core
Single Core
Quad Core
Dual Core
Single Core
Arm Cortex-M4F in MCU domain
Arm M4F
Single Core
Functional Safety Optional(5)
3D Graphics Engine (OpenGL ES 3.1,
Vulkan 1.2)
3D Graphics
engine
Yes
Yes
Yes
No
No
No
Device Management Subsystem
WKUP_R5F
Single core
Crypto Accelerators
Security
Yes
PROGRAM AND DATA STORAGE
On-Chip Shared Memory (RAM) in
MAIN Domain
OCSRAM
64KB (with SECDED ECC)
On-Chip Shared Memory (RAM) in M4F
Domain
MCU_MSRAM
256KB
DDR4/LPDDR4 DDR Subsystem
DDRSS
16-bit data with inline ECC; up to 8GB using DDR4 or 4GB using LPDDR4
General-Purpose Memory Controller
GPMC
Up to 1GB with ECC
PERIPHERALS
Display Subsystem
DSS
1x DPI
1x LVDS
Modular Controller Area Network
Interface with Full CAN-FD Support
MCAN
3
General-Purpose I/O
GPIO
Up to 170
Inter-Integrated Circuit Interface
I2C
6
Multichannel Audio Serial Port
MCASP
3
Multichannel Serial Peripheral Interface MCSPI
5
Multi-Media Card/ Secure Digital
Interface
MM/CSD
1x eMMC (8-bits)
2x SD/SDIO (4-bits)
Flash Subsystem (FSS)(2)
OSPI0/QSPI0
Yes(2)
Programmable Real-Time Unit
Subsystem(3)
PRUSS
2x PRU Cores (Optional)
Industrial Communication Subsystem
Support(4)
PRUSS
No
Gigabit Ethernet Interface
CPSW3G
Yes
General-Purpose Timers
TIMER
12 (4 in MCU Channel)
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com