Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 192 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 192 Page - Texas Instruments

Back Button AM625 Datasheet HTML 188Page - Texas Instruments AM625 Datasheet HTML 189Page - Texas Instruments AM625 Datasheet HTML 190Page - Texas Instruments AM625 Datasheet HTML 191Page - Texas Instruments AM625 Datasheet HTML 192Page - Texas Instruments AM625 Datasheet HTML 193Page - Texas Instruments AM625 Datasheet HTML 194Page - Texas Instruments AM625 Datasheet HTML 195Page - Texas Instruments AM625 Datasheet HTML 196Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 255 page
background image
7.11.5.16.2.1 Default Speed Mode
Table 7-97, Figure 7-83, Table 7-98, and Figure 7-84 present timing requirements and switching characteristics
for MMC1/MMC2 – Default Speed Mode.
Table 7-97. Timing Requirements for MMC1/MMC2 – Default Speed Mode
see Figure 7-83
NO.
MIN
MAX
UNIT
DS1
tsu(cmdV-clkH)
Setup time, MMCx_CMD valid before MMCx_CLK rising edge
2.15
ns
DS2
th(clkH-cmdV)
Hold time, MMCx_CMD valid after MMCx_CLK rising edge
1.67
ns
DS3
tsu(dV-clkH)
Setup time, MMCx_DAT[3:0] valid before MMCx_CLK rising edge
2.15
ns
DS4
th(clkH-dV)
Hold time, MMCx_DAT[3:0] valid after MMCx_CLK rising edge
1.67
ns
MMC[ ]_CLK
x
M
[ ]_
MC
CMD
x
MMC
DAT
[ ]_
[3:0]
x
DS1
DS2
DS3
DS4
Figure 7-83. MMC1/MMC2 – Default Speed – Receive Mode
Table 7-98. Switching Characteristics for MMC1/MMC2 – Default Speed Mode
see Figure 7-84
NO.
PARAMETER
MIN
MAX
UNIT
fop(clk)
Operating frequency, MMCx_CLK
25
MHz
DS5
tc(clk)
Cycle time, MMCx_CLK
40
ns
DS6
tw(clkH)
Pulse duration, MMCx_CLK high
18.7
ns
DS7
tw(clkL)
Pulse duration, MMCx_CLK low
18.7
ns
DS8
td(clkL-cmdV)
Delay time, MMCx_CLK falling edge to MMCx_CMD transition
- 1.8
2.2
ns
DS9
td(clkL-dV)
Delay time, MMCx_CLK falling edge to MMCx_DAT[3:0] transition
- 1.8
2.2
ns
MMC[ ]_CLK
x
MMC
CMD
[ ]_
x
MMC
DAT
[ _
[3:0]
x]
D 5
S
D 7
S
D 8
S
D 9
S
DS6
Figure 7-84. MMC1/MMC2 – Default Speed – Transmit Mode
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
www.ti.com
192
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com