Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 199 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 199 Page - Texas Instruments

Back Button AM625 Datasheet HTML 195Page - Texas Instruments AM625 Datasheet HTML 196Page - Texas Instruments AM625 Datasheet HTML 197Page - Texas Instruments AM625 Datasheet HTML 198Page - Texas Instruments AM625 Datasheet HTML 199Page - Texas Instruments AM625 Datasheet HTML 200Page - Texas Instruments AM625 Datasheet HTML 201Page - Texas Instruments AM625 Datasheet HTML 202Page - Texas Instruments AM625 Datasheet HTML 203Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 255 page
background image
7.11.5.17 OLDI
7.11.5.17.1 OLDI0 Switching Characteristics
Table 7-108 and Figure 7-94 present switching characteristics for OLDI0.
Table 7-108. OLDI0 Switching Characteristics
NO.
PARAMETER
MODE
MIN
TYP
MAX
UNIT
OLDI1 tt(LHTT)
Rise time, OLDI0_CLK[1:0]P,
OLDI0_CLK[1:0]N, OLDI0_A[7:0]P,
and OLDI0_A[7:0]N
Slow(1)
0.5
ns
Fast(2)
0.25
ns
OLDI2 tt(HLTT)
Fall time, OLDI0_CLK[1:0]P,
OLDI0_CLK[1:0]N, OLDI0_A[7:0]P,
and OLDI0_A[7:0]N
Slow(1)
0.5
ns
Fast(2)
0.25
ns
OLDI3 tc(CLK)
Cycle time, OLDI0_CLK[1:0]P and OLDI0_CLK[1:0]N
6.06
110.01
ns
OLDI4 tw(BIT)
Bit width, OLDI0_A[7:0]P and OLDI0_A[7:0]N
(1/7)OLDI3
ns
OLDI5 td(BIT1)
Bit 1 delay time, OLDI0_CLK[1:0]P and
OLDI0_CLK[1:0]N to OLDI0_A[7:0]P and
OLDI0_A[7:0]N
- (0.1)OLDI3
(0.1)OLDI3
ns
OLDI6 td(BIT0)
Bit 0 delay time, OLDI0_CLK[1:0]P and
OLDI0_CLK[1:0]N to OLDI0_A[7:0]P and
OLDI0_A[7:0]N
(1/7)OLDI3
- (0.1)OLDI3
(1/7) OLDI3
+ (0.1)OLDI3
ns
OLDI7 td(BIT6)
Bit 6 delay time, OLDI0_CLK[1:0]P and
OLDI0_CLK[1:0]N to OLDI0_A[7:0]P and
OLDI0_A[7:0]N
(2/7)OLDI3
- (0.1)OLDI3
(2/7) OLDI3
+ (0.1)OLDI3
ns
OLDI8 td(BIT5)
Bit 5 delay time, OLDI0_CLK[1:0]P and
OLDI0_CLK[1:0]N to OLDI0_A[7:0]P and
OLDI0_A[7:0]N
(3/7)OLDI3
- (0.1)OLDI3
(3/7) OLDI3
+ (0.1)OLDI3
ns
OLDI9 td(BIT4)
Bit 4 delay time, OLDI0_CLK[1:0]P and
OLDI0_CLK[1:0]N to OLDI0_A[7:0]P and
OLDI0_A[7:0]N
(4/7)OLDI3
- (0.1)OLDI3
(4/7) OLDI3
+ (0.1)OLDI3
ns
OLDI10 td(BIT3)
Bit 3 delay time, OLDI0_CLK[1:0]P and
OLDI0_CLK[1:0]N to OLDI0_A[7:0]P and
OLDI0_A[7:0]N
(5/7)OLDI3
- (0.1)OLDI3
(5/7) OLDI3
+ (0.1)OLDI3
ns
OLDI11 td(BIT2)
Bit 2 delay time, OLDI0_CLK[1:0]P and
OLDI0_CLK[1:0]N to OLDI0_A[7:0]P and
OLDI0_A[7:0]N
(6/7)OLDI3
- (0.1)OLDI3
(6/7) OLDI3
+ (0.1)OLDI3
ns
OLDI12 tsk(TCCS)
Skew, OLDI0_A[7:0]P and OLDI0_A[7:0]N relative to
any other OLDI0_A[7:0]P and OLDI0_A[7:0]N
50
ps
(1)
Slow mode: TXDRV[3:0] = 0100b without back termination (RTERM_EN = 0b with 100Ω differential termination on far-end only)
(2)
Fast mode: TXDRV[3:0] = 1000b with back termination (RTERM_EN = 1b with 100Ω differential termination on far-end only, or
RTERM_EN = 0b with 100Ω differential termination on near-end and far-end)
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
199
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com