Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 28Page - Texas Instruments SN6507 Datasheet HTML 29Page - Texas Instruments SN6507 Datasheet HTML 30Page - Texas Instruments SN6507 Datasheet HTML 31Page - Texas Instruments SN6507 Datasheet HTML 32Page - Texas Instruments SN6507 Datasheet HTML 33Page - Texas Instruments SN6507 Datasheet HTML 34Page - Texas Instruments SN6507 Datasheet HTML 35Page - Texas Instruments SN6507 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Table 9-3. Recommended Center Tapped Transformers for SN6507-Q1
(continued)
APPLICATIO
N
TURNS
RATIO
(1:N)
V-t
product
Min (Vμs)
ISOLATIO
N (VRMS)
DIMENSION (mm)
(L,W,H)
PART NUMBER 1
24 V→ 30 V
1.4
30
2.5 k
(10.3, 12.07, 5.97)
Coilcraft TX1-ZC1891-
AE
1.4
30
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319948
1.43
36.1
2.5 k
(11, 13.5, 10.54)
Semitel EP7-818
12 V→ 30 V
2.6
22
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319949
2.8
22
2.5 k
(10.3, 12.07, 5.97)
Coilcraft TX1-ZC1892-
AE
2.8
25.8
2.5 k
(11, 13.5, 10.54)
Semitel EP7-816
24 V→ 24 V
1.09
15
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319697
24 V→ 12 V
0.55
15
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319695
0.625
50
3.75 k
(10.3, 13.2, 12.5)
Pulse PAG6356.085NLT
24 V→ 5 V
0.27
15
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319694
0.25
50
3.75 k
(10.3, 13.2, 12.5)
Pulse PAG6356.082NLT
12 V→ 24 V
2.13
7.5
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319693
12 V→ 12 V
1.13
7.5
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319691
12 V→ 5 V
0.5
7.5
2.5 k
(8.5, 12.87, 5.16)
Wurth 750319690
24 V→ 3.3 V
0.125
50
3.75 k
(10.3, 13.2, 12.5)
Pulse PAG6356.081NLT
1. Not all recommended part numbers are validated by Texas Instruments. Refer to the latest transformer
specifications to determine compatibility with SN6507-Q1.
9.3 Power Supply Recommendations
The device is designed to operate from an input voltage supply range between 3 V and 36 V nominal. If the input
supply is located more than a few inches from the device, a 0.1 μF by-pass capacitor should be connected as
close as possible to the device VCC pin and a 10 μF capacitor should be connected close to the transformer
center-tap pin.
9.4 Layout
9.4.1 Layout Guidelines
• The power supply input, VIN, must be buffered to ground with a low-ESR ceramic bypass-capacitor. The
recommended capacitor value can range from 1 μF to 10 μF, and is typically 10 μF. The capacitor must have
a voltage rating greater than the VIN voltage level and an X5R or X7R dielectric.
• The optimum placement of the VIN capacitor is closest to the VIN and GND pins at the board entrance to
minimize the loop area formed by the bypass-capacitor connection, the VIN terminal, and the GND pin. See
Figure 9-10 for a PCB layout example.
• To help ensure reliable operation, a 0.1-μF low-ESR ceramic bypass-capacitor is recommended at the device
VCC pin. The capacitor should be placed as close to the supply pins as possible in the PCB layout and on the
same layer. The capacitor must have a voltage rating greater than the VIN voltage level.
• The connections between the device SW1 and SW2 pins and the transformer primary endings and the
connection of the device VCC pin and the transformer center-tap must be as short as possible for minimum
trace inductance.
• The connection of the device VCC pin and the transformer center-tap must be buffered to ground with a
low-ESR ceramic bypass-capacitor. The recommended capacitor value can range from 1μF to 10 μF, and is
typically 10 μF. The capacitor must have a voltage rating greater than the VIN voltage level and an X5R or
X7R dielectric.
• The device GND pins must be tied to the PCB ground plane using two vias to help minimize inductance.
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com