Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 1 Page - Texas Instruments

  SN6507 Datasheet HTML 1Page - Texas Instruments SN6507 Datasheet HTML 2Page - Texas Instruments SN6507 Datasheet HTML 3Page - Texas Instruments SN6507 Datasheet HTML 4Page - Texas Instruments SN6507 Datasheet HTML 5Page - Texas Instruments SN6507 Datasheet HTML 6Page - Texas Instruments SN6507 Datasheet HTML 7Page - Texas Instruments SN6507 Datasheet HTML 8Page - Texas Instruments SN6507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control
for Isolated Power Supplies
1 Features
• Functional Safety-Capable
– Documentation available to aid functional safety
system design: SN6507-Q1
• AEC-Q100 (Grade 1) qualified for automotive
applications
• Create a custom design using the SN6507-Q1 with
the WEBENCH® Power Designer
• Push-pull driver for isolation transformers
• Wide input voltage range: 3 V to 36 V
– Input voltage tolerance up to 60 V
– Duty-cycle control for line regulation
• 0.5-A switches with programmable current limit
• Wide switching frequency range: 100 kHz to 2
MHz
– Compatible with small-footprint transformers
– Programmable switching frequency
– External clock synchronization option
• Low noise and emissions
– Symmetric push-pull topology
– Spread sprectrum clocking
– Pin-configurable slew-rate control
• Protection Features
– Adjustable under voltage lockout (UVLO)
– Programmable over-current protection (OCP)
– Over voltage lockout (OVLO)
– Thermal shutdown (TSD)
• Wide temperature range: –55°C to 125°C
• Programmable soft-start to reduce in-rush current
• 10-Pin HVSSOP (DGQ) package with thermal pad
2 Applications
Isolated power supplies for:
• Battery management system (BMS)
• On-board charger
• DC/DC converter
• Inverter and motor control
3 Description
The SN6507-Q1 is a high voltage, high frequency
push-pull transformer driver providing isolated power
in a small solution size. The device comes with
the push-pull topology’s benefits of simplicity, low
EMI, and flux cancellation to prevent transformer
saturation. Further space savings are achieved
through duty-cycle control, which reduces component
count for wide-input ranges, and by selecting a
high switching frequency, reducing the size of the
transformer.
The device integrates a controller and two 0.5-A
NMOS power switches that switch out of phase. Its
input operating range is programmed with precision
undervoltage lockouts. The device is protected
from fault conditions by over-current protection
(OCP), adjustable under-voltage lockout (UVLO), over
voltage lockout (OVLO), thermal shutdown (TSD), and
break-before-make circuitry.
The programmable Soft Start (SS) minimizes inrush
currents and provides power supply sequencing for
critical power up requirements. Spread Spectrum
Clocking (SSC) and pin-configurable Slew Rate
Control (SRC) further reduces radiated and conducted
emissions for ultra-low EMI requirements.
The SN6507-Q1 is available in a 10-pin HVSSOP
DGQ package. The device operation is characterized
for a temperature range from –55°C to 125°C.
Packaging Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
SN6507-Q1
HVSSOP (10 Pin)
3.00 mm × 3.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
VCC
VOUT
GND
SW1
SW2
R
LIM
C
SS
R
SR
Optional
GND
EN/UVLO
DC
CLK
SR
SS/ILIM
Optional
VIN
R
DC
C
OUT
C
IN
Simplified Schematic
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - SN6507

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN6507 TI-SN6507 Datasheet
1Mb / 34P
SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
SN6507 TI-SN6507 Datasheet
2Mb / 44P
SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
JUNE 2022
SN6507-Q1 TI-SN6507-Q1 Datasheet
1Mb / 38P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
SN65076B TI1-SN65076B Datasheet
157Kb / 10P
DIFFERENTIAL BUS TRANSCEIVERS
SN6507DGQR TI-SN6507DGQR Datasheet
2Mb / 44P
SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
JUNE 2022
More results

Similar Description - SN6507

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13253 MAXIM-MAX13253 Datasheet
1Mb / 14P
1A, Spread-Spectrum, Push-Pull, Transformer Driver for Isolated Power Supplies
Rev 1; 4/13
logo
Texas Instruments
SN6501 TI1-SN6501_13 Datasheet
1Mb / 29P
Transformer Driver for Isolated Power Supplies
logo
Maxim Integrated Produc...
MAX258 MAXIM-MAX258_13 Datasheet
637Kb / 12P
500mA, Push-Pull Transformer Driver for Isolated Power Supplies
Rev 0; 5/13
logo
Texas Instruments
SN6501-Q1 TI1-SN6501-Q1_14 Datasheet
964Kb / 34P
Transformer Driver for Isolated Power Supplies
SN6501-Q1 TI-SN6501-Q1_15 Datasheet
1Mb / 34P
SN6501-Q1 Transformer Driver for Isolated Power Supplies
UCC25800-Q1 TI-UCC25800-Q1_V01 Datasheet
2Mb / 44P
UCC25800-Q1 Ultra-low EMI Transformer Driver for Isolated Bias Supplies
NOVEMBER 2021
SN6507 TI-SN6507 Datasheet
1Mb / 34P
SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
SN6507 TI-SN6507_V01 Datasheet
2Mb / 44P
SN6507 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
JUNE 2022
SN6507-Q1 TI-SN6507-Q1 Datasheet
1Mb / 38P
SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
SEPTEMBER 2022
UCC25800-Q1 TI1-UCC25800-Q1_V02 Datasheet
2Mb / 48P
UCC25800-Q1 Ultra-low EMI Transformer Driver for Isolated Bias Supplies
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com