Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 21 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 17Page - Texas Instruments SN6507 Datasheet HTML 18Page - Texas Instruments SN6507 Datasheet HTML 19Page - Texas Instruments SN6507 Datasheet HTML 20Page - Texas Instruments SN6507 Datasheet HTML 21Page - Texas Instruments SN6507 Datasheet HTML 22Page - Texas Instruments SN6507 Datasheet HTML 23Page - Texas Instruments SN6507 Datasheet HTML 24Page - Texas Instruments SN6507 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
strength. Soft-start prevents high inrush current from VCC while charging large secondary side decoupling
capacitors, and also prevents overshoot in secondary voltage during power-up.
The sort-start time to ramp to the peak switch current is calculated by the capacitor and resistor on SS/ILIM pin
with the following formula.
TSS= CSS
275μA− 0.6RILIM
(4)
During soft-start, the over-current protection is disabled. To ensure a smooth transition between soft-start and
the steady state, it's recommended to have a CSS value between 50 nF and 5 µF with an output capacitor, COUT,
of less than 10 times the value of CSS.
8.4.2 Operation Mode
The SN6507-Q1 driver is in operation mode when EN pin is above ENUVLO, VIN pin is above VCCUVLO, and
soft-start completes. In normal operation mode, the switching frequency is fixed, determined either by the CLK
pin resistor or external Clock signal.
8.4.3 Shutdown Mode
The device has a dedicated EN/UVLO pin to put the device in very low power mode to save power when not
in use. EN/UVLO pin has an internal pull down resistor which keeps device disabled when not driven. When
disabled or when VCC is < 2.8 V , both drain outputs, SW1 and SW2, are tri-stated.
8.4.4 SYNC Mode
The SN6507-Q1 has a CLK pin which can be used to synchronize the device with system clock and in turn
with other SN6507-Q1 devices so that the system can control the exact switching frequency of the device. In
SYNC mode, the CLK frequency is divided by two to drive the gates of powerFETs. Figure 9-2 shows the timing
diagram for the same.
The device cannot automatically change from SYNC mode to switching frequency control using the internal
oscillator or resistor-programmable switching frequency mode. If a valid external CLK signal is not present, the
output will stop switching, and a power cycle will be required to change the switching mode back to using the
internal oscillator or the adjustable switching frequency using RCLK.
When the device is in SYNC mode, duty cycle control and SSM are not supported, therefore it's recommended
to leave DC pin floating in SYNC mode to reduce the solution size.
Note that it is recommended that the SN6507-Q1 VCC pin powers up before CLK pin. Before device power-up,
the initial state of external clock should be high-impedance.
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com