Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 29 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 25Page - Texas Instruments SN6507 Datasheet HTML 26Page - Texas Instruments SN6507 Datasheet HTML 27Page - Texas Instruments SN6507 Datasheet HTML 28Page - Texas Instruments SN6507 Datasheet HTML 29Page - Texas Instruments SN6507 Datasheet HTML 30Page - Texas Instruments SN6507 Datasheet HTML 31Page - Texas Instruments SN6507 Datasheet HTML 32Page - Texas Instruments SN6507 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
Assuming the same diode and LDO are used, the calculation, so VF-max = 0.5 V, VDO-max = 0.7 V, and VO-max =
15.15 V.
The input range from 18 V up to 30 V makes VIN-min = 18 V. The input range from 18 V up to 30 V with 24 V
typical makes VIN-min = 18 V. Substituting the same RDS-max = 1 Ω and ID-max = 0.5 A into the Equation above
yields to a minimum turns ratio of:
Nmin=1.03×0.5 V+0.7 V+15.1 V
18 V−1 Ω×0.5 A =0.96
(20)
• Wide-Ranging Input with Duty-Cycle Control
For converter designs with wide-input range, the duty cycle feature is useful to compensate input variaton. But
care must be taken to make sure that high turns ratios don’t lead to primary currents that exceed the specified
current limits of the device.
Nmin=1.03×VF−max+VDO−max+VO−max
VIN−typ−RDS−max×ID−max× 12Dtyp
(21)
Assuming the same diode and LDO are used, so VF-max = 0.5 V, VDO-max = 0.7 V, and VO-max = 15.15 V.
It's recommends the use to set the DC=25% at typical VIN-typ = 24 V. Substituting the same RDS-max = 1 Ω and
ID-max = 0.5 A into the Equation above yields to a minimum turns ratio of:
Nmin=1.03×0.5 V+0.7 V+15.1 V
24 V−1 Ω×0.5 A × 12×0.25=1.38
(22)
9.2.2.6 Low-Emissions Designs
For isolated power supply designs requiring low levels of radiated and conducted emissions, the following
recommendations can help minimize emissions from SN6507-Q1 and its surrounding components:
• Ensure a push-pull isolation transformer with low parasitics, like leakage inductance and parasitic
capacitances, is used to minimize common-mode currents across the isolation barrier and antenna effects in
the system.
• Use low-emissions rectifier diodes with low recovery times, like PMEG200G20ELRX or equivalent.
• Configure SN6507-Q1 for its slowest slew-rate setting to minimize high-frequency content in the switching
paths.
• Include a snubber circuit on the secondary-side of the isolation transformer to filter high-frequency content in
the switching paths.
Using these configurations may each affect system-level efficiency. The SN6507DGQEVM can be used to
evaluate these design options.
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com