Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 4 Page - Texas Instruments

  SN6507 Datasheet HTML 1Page - Texas Instruments SN6507 Datasheet HTML 2Page - Texas Instruments SN6507 Datasheet HTML 3Page - Texas Instruments SN6507 Datasheet HTML 4Page - Texas Instruments SN6507 Datasheet HTML 5Page - Texas Instruments SN6507 Datasheet HTML 6Page - Texas Instruments SN6507 Datasheet HTML 7Page - Texas Instruments SN6507 Datasheet HTML 8Page - Texas Instruments SN6507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1).
MIN
MAX
UNIT
Supply voltage (2)
VCC
–0.5
60
V
Voltage
EN/UVLO
–0.5
VCC + 0.5
V
Voltage
SS/ILIM, CLK, DC
–0.5
6
V
Output switch voltage
SW1, SW2
85
V
Peak output switch current
I(D1)Pk, I(D2)Pk
1.6
A
Junction temperature, TJ
-55
150
°C
Storage temperature range, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values are with respect to the local ground terminal (GND) and are peak voltage values.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per AEC Q100-002(1)
HBM ESD Classification Level 3A
±4000
V
Charged-device model (CDM), per AEC Q100-011
CDM ESD Classification Level C6
±1500
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
VCC
Input Voltage
3
36
V
ISW1, ISW2
Output switch current - Primary side
3 V < VCC < 6 V
0.4
A
6 V < VCC < 36 V
0.5
TA
Ambient temperature
–55
125
°C
TJ
Junction temperature
–55
150
°C
CSS
Soft-start capacitor on SS/ILIM pin
0.05
10
µF
RILIM
Current limiting resistor on SS/ILIM pin
18
261
kΩ
RSR
Resistor on SR pin for Slew rate control
4.8
21
kΩ
RCLK
Resistor on CLK pin for programmable frequency
4
111
kΩ
6.4 Thermal Information
THERMAL METRIC(1)
SN6507
UNIT
DGQ (HVSSOP)
10 PINS
RθJA
Junction-to-ambient thermal resistance
48.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
61.6
°C/W
RθJB
Junction-to-board thermal resistance
18.4
°C/W
ψJT
Junction-to-top characterization parameter
1.7
°C/W
ψJB
Junction-to-board characterization parameter
18.3
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
5.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com