Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 9Page - Texas Instruments SN6507 Datasheet HTML 10Page - Texas Instruments SN6507 Datasheet HTML 11Page - Texas Instruments SN6507 Datasheet HTML 12Page - Texas Instruments SN6507 Datasheet HTML 13Page - Texas Instruments SN6507 Datasheet HTML 14Page - Texas Instruments SN6507 Datasheet HTML 15Page - Texas Instruments SN6507 Datasheet HTML 16Page - Texas Instruments SN6507 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
8.2 Functional Block Diagram
SW1
SW2
MOSFET
Driver
EN/UVLO
VCC
+
–
+
–
VREF_EN
VREF_UVLO
Control Logic
UVLO
EN
LDO
Bandgap
Internal
Bias
CLK
External
CLK Detect
MUX
÷2
Oscillator with SSC and
Duty Cycle Control
DC
SR
SS/ILIM
OCP
ILIM
Thermal
Detection
SS
+
–
OVP
GND
GND
Soft Start
ILIM Sensor
TSD
VREF_OV
IBIAS
RENT
RENB
RCLK
RDC
RSR
RILIM
CSS
8.3 Feature Description
8.3.1 Push-Pull Converter
Push-pull converters require transformers with center-taps to transfer power from the primary to the secondary
as shown in Figure 8-1. When Q1 conducts, VIN drives a current through the lower half of the primary to ground,
thus creating a negative voltage potential at the lower primary end with regards to the VIN potential at the
center-tap. .
C
CR1
CR2
Q1
Q2
VIN
VOUT
RL
C
CR1
CR2
Q1
Q2
VIN
VOUT
RL
Figure 8-1. Switching Cycles of a Push-Pull Converter
At the same time the voltage across the upper half of the primary is such that the upper primary end is positive
with regards to the center-tap in order to maintain the previously established current flow through Q2, which now
has turned high-impedance. The two voltage sources, each of which equaling VIN, appear in series and cause a
voltage potential at the open end of the primary of 2×VIN with regards to ground.
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com