Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 14Page - Texas Instruments SN6507 Datasheet HTML 15Page - Texas Instruments SN6507 Datasheet HTML 16Page - Texas Instruments SN6507 Datasheet HTML 17Page - Texas Instruments SN6507 Datasheet HTML 18Page - Texas Instruments SN6507 Datasheet HTML 19Page - Texas Instruments SN6507 Datasheet HTML 20Page - Texas Instruments SN6507 Datasheet HTML 21Page - Texas Instruments SN6507 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
over multiple frequency bins. This feature greatly improves the emissions performance of the entire power
supply block and hence relieves the system designer from one major concern in isolated power supply design.
8.3.5 Slew Rate Control
To allow optimization of EMI with respect to efficiency, the SN6507-Q1 is designed to allow a resistor (RSR) to
select the strength of the driver of PowerFETs turning on. As shown in Figure 8-7 below, the slew rate of the
switching edges is controllable with the resistor. Rolling off harmonics through slew rate control can eliminate the
need for shielding and common mode chokes in many applications.
The EMI benefit of slew rate control may result in slightly reduced efficiency and higher peak current (ISW_SR).
When the feature slows down the charging and discharging of the gate capacitance, the extended transition
times of the FETs increases the transition losses during each switching cycle. This increases power dissipation,
which decreases efficiency and exacerbates thermal concerns. This will limit how much the slew rate can be
reduced. Another cost is the peak current of each cyle will be increased. It is because the slow edges reduce the
on-time (ION_SR) and eventually the peak current (ISW_SR) will increase to deliver the same average current to the
load on each cycle.
SR2
ISW
VSW
TON_SR1
TON_SR2
SR1
ISW_SR1
ISW_SR2
Figure 8-7. Slew Rate Control Scheme
The slew rate at different VIN is programmed by RSR. Higher RSR values configure SN6507-Q1 for slower slew
rates across VCC levels while lower RSR values configure SN6507-Q1 for faster slew rates. The relationship
between VCC and the slew rate for 12 V and 24 V cases are listed in Table 8-2 below. As the slew rate is
independent of the switching frequency, care must be taken that at high frequencies, the slew rate should be fast
enough to maximize the output power delivery to the load. If the SR pin is left floating, the slew rate will be set to
the default value. An SR pin short to GND is read as a fault condition, and the device will stop switching.
Table 8-2. Slew Rate Control Look-up Table
VCC (V)
RSR (kΩ)
Typical SLEW RATE (V/μs)
5
4.8
337
5
Floating (Default)
263
5
15
224
5
21
198
12
4.8
424
12
Floating (Default)
298
12
15
237
12
21
199
24
4.8
583
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com