Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 13Page - Texas Instruments SN6507 Datasheet HTML 14Page - Texas Instruments SN6507 Datasheet HTML 15Page - Texas Instruments SN6507 Datasheet HTML 16Page - Texas Instruments SN6507 Datasheet HTML 17Page - Texas Instruments SN6507 Datasheet HTML 18Page - Texas Instruments SN6507 Datasheet HTML 19Page - Texas Instruments SN6507 Datasheet HTML 20Page - Texas Instruments SN6507 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
switch. The duty cycle is fixed with 70 ns deadtime to avoid shoot-through. The duty cycle is changeable if duty
cycle feature is enabled. Please refer to Section 8.3.3.
SN6507-Q1 has a wide switching frequency range from 100 kHz up to 2 MHz, which is pin-programmable
through a resistor (RCLK) to GND. Below table lists the value of RCLK to achieve certain operating frequencies
(fSW). The choice of switching frequency is a trade-off between power efficiency and size of capacitive and
inductive components. For example, when operating at higher switching frequency, the size of the transformer
and inductor is reduced, resulting in a smaller design footprint and lower cost. However, higher frequency
increases switching losses and consequently degrades the overall power supply efficiency.
Table 8-1. Recommended 1% RCLK values and fSW Look-up Table
RCLK
fSW (Typical)
111 kΩ
105 kHz
21 kΩ
523 kHz
9.6 kΩ
1.07 MHz
4.1 kΩ
2.13 MHz
0 kΩ (Short to GND)
Default (1 MHz)
Figure 8-6 can also be used to estimate the programmable switching frequency, fSW, using an external resistor
value, RCLK, where RCLK is in kΩ and fSW is in kHz:
RCLK (k)
100
1000
4
6
8 10
30
50
70 90 110
500
2000
Figure 8-6. Approximate SN6507-Q1 Switching Frequency, FSW, for RCLK Range
If CLK pin is shorted to GND, the part switches at its default frequency, FSW. CLK pin floating is not a valid state
of operation and will cause the part to stop switching until an external clock signal is present.
8.3.4 Spread Spectrum Clocking
Radiated emissions is an important concern in high current switching power supplies. Due to the periodicity of
the digital clock signals, the energy concentrates in one particular frequency and also in its odds harmonics,
causing EMI issues. SN6507-Q1 implements Spread spectrum clocking (SSC) to reduce the radiated emissions
of digital clock signals. The device modulates its internal clock in such a way that the emitting energy is spread
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com