Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 5 Page - Texas Instruments

  SN6507 Datasheet HTML 1Page - Texas Instruments SN6507 Datasheet HTML 2Page - Texas Instruments SN6507 Datasheet HTML 3Page - Texas Instruments SN6507 Datasheet HTML 4Page - Texas Instruments SN6507 Datasheet HTML 5Page - Texas Instruments SN6507 Datasheet HTML 6Page - Texas Instruments SN6507 Datasheet HTML 7Page - Texas Instruments SN6507 Datasheet HTML 8Page - Texas Instruments SN6507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
6.5 Electrical Characteristics
Minimum and maximum limits apply over the recommended junction temperature range, unless otherwise indicated. All
typical values are at TA = 25°C, VCC = 24 V, CLK FSW = 1 MHz and VEN/UVLO=2.5 V unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Icc
VIN Supply Current (3 V < VC C < 36V) , not
including switch drive currents
VEN/UVLO=2.5 V, RL = 50 Ω
3
4
mA
ISHUTDOWN
VIN shutdown current
VEN/UVLO=0 V, RL = 50 Ω
0.8
2.5
µA
ILKG(SS/ILIM)
Leakage Current on SS/ILIM pin
VEN/UVLO = 0 V, Voltage of SS/ILIM = 5 V
0.7
µA
ENABLE AND UVLO
VCCUVLO-
RISING
VCC Positive-going UVLO threshold
VCC rising , EN/UVLO is shorted to VCC
2.8
2.9
V
VCCUVLO-
FALLING
VCC Negative-going UVLO threshold
VCC falling, EN/UVLO is shorted to VCC
2.5
2.67
V
VCCUVLO-HYS VCC UVLO threshold hysteresis
EN/UVLO is shorted to VCC
0.1
0.12
V
ENUVLO-
RISING
EN/UVLO Positive-going UVLO threshold
EN/UVLO rising
1.4
1.5
1.6
V
ENUVLO-
FALLING
EN/UVLO Negative-going UVLO threshold
EN/UVLO falling
1.25
1.35
1.45
V
ENUVLO-HYS
EN/UVLO UVLO threshold hysteresis
0.14
0.15
V
POWER STAGE
DMM
Average ON time mismatch between SW1 and
SW2
RL = 50 Ω to VCC, Pull-Up Resistor Test Circuit
Configuration
0
%
R(ON)
Output switch ON resistance
VCC = 24 V, ISW1, ISW2 = 0.5 A
0.45
1
Ω
V(SLEW)
Voltage slew rates on SW1 and SW2
RL = 50 Ω to VCC, VCC = 12 V; RSR =
9.6 kΩ (Default), Pull-Up Resistor Test Circuit
Configuration
298
V/µs
V(SLEW)
Voltage slew rates on SW1 and SW2
RL = 50 Ω to VCC, VCC = 12 V; RSR =
9.6 kΩ (Default), Pull-Up Resistor Test Circuit
Configuration
369
V/µs
CLK
FSW
D1, D2 average switching Frequency (Default)
RL = 50 Ω, RCLK = 0 kΩ, Pull-Up Resistor Test
Circuit Configuration
780
1000
1296
kHz
F(SYNC)
External clock frequency on CLK pin
External clock applied on CLK pin for SYNC
mode. SW1/SW2 switches at 1/2 the external
CLK frequency
200
4000
kHz
VCLK(High)
CLK pin logic high threshold
1.6
1.8
V
VCLK(Low)
CLK pin logic low threshold
1.0
1.2
V
SOFT-START
ISS
SS ext capacitor charging current
275
µA
CSS Range
SS ext capacitor range
0.05
5
µF
CURRENT LIMIT
ILIM
SW1 and SW2 Current Limit
RLIM = 18.2 kΩ, 5 V < VCC < 36 V
1.00
1.30
1.59
A
ILIM
SW1 and SW2 Current Limit
RLIM = 30.1 kΩ, 5 V < VCC < 36 V
0.56
0.79
1.02
A
ILIM
SW1 and SW2 Current Limit
RLIM = 261 kΩ, 5 V < VCC < 36 V
0.06
0.10
0.14
A
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com