Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 16Page - Texas Instruments SN6507 Datasheet HTML 17Page - Texas Instruments SN6507 Datasheet HTML 18Page - Texas Instruments SN6507 Datasheet HTML 19Page - Texas Instruments SN6507 Datasheet HTML 20Page - Texas Instruments SN6507 Datasheet HTML 21Page - Texas Instruments SN6507 Datasheet HTML 22Page - Texas Instruments SN6507 Datasheet HTML 23Page - Texas Instruments SN6507 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
and enters soft start once the short circuit is cleared. Note there is a 65 ns (typ.) response time to trigger
hard-short OCP.
8.3.6.3 Under Voltage Lock-Out (UVLO)
Start-up and shutdown are controlled by the both EN/UVLO pin and VCC pin. For the device to remain in
shutdown mode, apply a voltage below ENUVLO to the EN/UVLO pin. In shutdown mode, the quiescent current is
less than 0.8 µA (typical). If EN/UVLO pin sees a voltage higher than ENUVLO, but VIN is still below VCCUVLO, the
SW node is inactive. Once the VIN is above VCCUVLO, the chip begins to switch normally, provided the EN/UVLO
voltage is above 1.5 V.
There are three ways to enable the device operation. The simplest way is to connect the EN/UVLO pin to
VCC pin, allowing self-start-up of the device when VCC pin voltage is above VCCUVLO level. However, many
applications benefit from an input UVLO level different than that provided internal UVLO. So another way is to
employ an enable resistor divider network as shown in Figure below, which establishes a programmable UVLO
threshold. The thrid way is to connect an external logic output to drive this pin, allowing user-defined system
power sequencing.
EN/UVLO pin has a 5 µs (typical) glitch filter to help avoid false turn-on and turn-off due to noise coupling. It also
comes with an internal pull down design to ensure the device is in shutdown mode when the pin is left floating.
Programmable UVLO using EN/UVLO pin
R
ENT
R
ENB
GND
V
IN
EN/UVLO
Resistor values can be calculated using Equation below, where the input turn on threshold VIN_UVLO is the
desired typical start-up input voltage, ENUVLO is 1.5 V typical, and RENT and RENB are in Ω.
VIN_UVLO= 1+RENTRENB ×ENUVLO
(3)
8.3.6.4 Thermal Shut Down (TSD)
Thermal shutdown prevents the device from reaching extreme junction temperatures by turning off the internal
switches when the IC junction temperature exceeds 180°C (typical). In TSD, the switching stops immediately
to prevent the internal MOSFETs from failing in either high ambient temperature operation conditions or due to
self-heating from high switching current. To recover from thermal shut down condition, the junction temperature
must be below the overtemperature protection falling threshold. When the junction temperature falls below
147°C (typical), the power FET switching is enabled.
8.4 Device Functional Modes
The functional modes of the device are divided into start-up, operating, and off-mode.
8.4.1 Start-Up Mode
When VCC pin voltage ramps up to VCCUVLO , and EN/UVLO pin voltage is over ENUVLO the internal oscillator
starts operating. The output stage begins switching but the amplitude of the drain signals at SW1 and SW2 have
not reached its full maximum yet.
8.4.1.1 Soft-Start
SN6507-Q1 device supports soft-start feature. Upon power up or when EN/UVLO pin transitions from Low to
High, the gate drive of the output powerFET is gradually increased over a period of time from 0 V to full driving
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com