Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 4Page - Texas Instruments SN6507 Datasheet HTML 5Page - Texas Instruments SN6507 Datasheet HTML 6Page - Texas Instruments SN6507 Datasheet HTML 7Page - Texas Instruments SN6507 Datasheet HTML 8Page - Texas Instruments SN6507 Datasheet HTML 9Page - Texas Instruments SN6507 Datasheet HTML 10Page - Texas Instruments SN6507 Datasheet HTML 11Page - Texas Instruments SN6507 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
6.7 Typical Characteristics, SN6507-Q1
Load current (A)
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
15
15.1
15.2
15.3
15.4
15.5
15.6
15.7
15.8
15.9
16
SN6507-Q1 + Wurth 750319692
VIN = 12 V
Figure 6-1. Output Voltage vs Load Current
Load current (A)
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
16.5
16.55
16.6
16.65
16.7
16.75
16.8
16.85
16.9
16.95
17
SN6507-Q1 + Wurth 750319696
VIN = 24 V
Figure 6-2. Output Voltage vs Load Current
Load current (A)
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
85.5
86
86.5
87
87.5
88
88.5
89
89.5
90
90.5
91
SN6507-Q1 + Wurth 750319692
VIN = 12 V
Figure 6-3. Efficiency vs Load Current
Load current (A)
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
74
76
78
80
82
84
86
88
90
92
SN6507-Q1 + Wurth 750319696
VIN = 24 V
Figure 6-4. Efficiency vs Load Current
Temperature (
C)
-60
-40
-20
0
20
40
60
80
100
120
140
1073500
1074000
1074500
1075000
1075500
1076000
1076500
1077000
1077500
RCLK = 0 kΩ
Figure 6-5. Switching Frequency vs Free-Air
Temperature
Fsw (kHz)
0
250
500
750
1000 1250 1500 1750 2000 2250
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
7.5
8
8.5
9
9.5
10
Figure 6-6. ICC vs Switching Frequency
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com