Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 19 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 15Page - Texas Instruments SN6507 Datasheet HTML 16Page - Texas Instruments SN6507 Datasheet HTML 17Page - Texas Instruments SN6507 Datasheet HTML 18Page - Texas Instruments SN6507 Datasheet HTML 19Page - Texas Instruments SN6507 Datasheet HTML 20Page - Texas Instruments SN6507 Datasheet HTML 21Page - Texas Instruments SN6507 Datasheet HTML 22Page - Texas Instruments SN6507 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
Table 8-2. Slew Rate Control Look-up Table (continued)
VCC (V)
RSR (kΩ)
Typical SLEW RATE (V/μs)
24
Floating (Default)
369
24
15
273
24
21
218
8.3.6 Protection Features
SN6507-Q1 is protected by multiple protection features to improve the system level robustness and reliability.
The protection features include programmable input undervoltage protection (UVLO), input over-voltage
protection (OVP), programmable over current protection (OCP), and over-temperature protection (TSD).
8.3.6.1 Over Voltage Protection (OVP)
As SN6507-Q1 is a open-loop transformer driver, the over voltage protection feature is implemented to prevent
the output voltage from rising too high. The overvoltage protection threshold is a fixed value and cannot be
programmed. If the VCC pin voltage exceeds the overvoltage rising threshold, device stops switching after a 550
ns (typical) response time. To recover from an over voltage event, the input voltage must drop below the OVP
falling threshold.
8.3.6.2 Over Current and Short Circuit Protection (OCP)
The SN6507-Q1 is protected from overcurrent conditions with cycle-by-cycle current limiting on both NMOS
switches. OCP is disabled during soft-start. After soft-start finishes, the OCP is enabled, and the threshold
is set at the programmed value. The switch current is sensed and compared to the current threshold that is
programmed by the external resistor on SS/ILIM pin, RILIM. Common current limit thresholds (ILIM) and their
corresponding resistor values for RILIM are listed in Table 8-3 below. Leaving the ILIM/SS pin floating is not
recommended for this device.
Table 8-3. Recommended 1% RILIM values
RILIM
ILIM (Typical)
18 kΩ
1.3 A
20 kΩ
1.2 A
22 kΩ
1.1 A
24 kΩ
1.0 A
27 kΩ
900 mA
30 kΩ
800 mA
35 kΩ
700 mA
40 kΩ
600 mA
50 kΩ
500 mA
62 kΩ
400 mA
85 kΩ
300 mA
127 kΩ
200 mA
261 kΩ
100 mA
In case of an extreme over-load condition on the isolated output due to a short circuit, the device behaves as
follows:
• In the event of a transient overload or short circuit, if the resulting voltage dip is lower than 2.5 V (typical)
on the SS/ILIM pin, the device considers it as a “soft-short” condition. In soft-shorts, the converter goes into
hiccup mode: on hitting the programmed OCP threshold, the driver will be shut-off for 100 ns (typical), and
then retry driving. If the OCP trips again, the cycle continues. This retry keeps occurring for entire TON time of
SW1 and SW2 until OCP does not trip or a "hard-short" is triggered. During the OCP retry events, both FETs
are turned OFF, and the transient peak current may go higher than OCP limit.
• If the voltage dip is more than 2.5 V (typical), the devices considers it as a “hard-short” condition. The
hard-short OCP threshold is fixed at 5 A (typical). If a hard-short condition lasts more than 200 μs, it indicates
that the system is in a serious short-circuit fault condition, the device will fully discharge the soft-start cap
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com