Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 7Page - Texas Instruments SN6507 Datasheet HTML 8Page - Texas Instruments SN6507 Datasheet HTML 9Page - Texas Instruments SN6507 Datasheet HTML 10Page - Texas Instruments SN6507 Datasheet HTML 11Page - Texas Instruments SN6507 Datasheet HTML 12Page - Texas Instruments SN6507 Datasheet HTML 13Page - Texas Instruments SN6507 Datasheet HTML 14Page - Texas Instruments SN6507 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
7 Parameter Measurement Information
VCC
VOUT
GND
SW1
SW2
GND
EN/UVLO
DC
CLK
SR
SS/ILIM
VIN
10 µF
10 µF
0.1 µF
Adjustable CLK
10 µF
0.1 µF
Adjustable RILIM and CSS
Adjustable RSR
Adjustable RDC
Enable
Figure 7-1. Measurement Circuit for Output
Q1 On
Q2 On
Q1 Off
Q2 Off
t
BBM
t
f
t
r
1/f
sw
Figure 7-2. Timing Diagram
VCC
VIN
GND
SW1
SW2
GND
EN/UVLO
DC
CLK
SR
SS/ILIM
10 µF
Adjustable CLK
RL
RL
Adjustable RILIM and CSS
Adjustable RSR
Adjustable RDC
Figure 7-3. Pull-Up Resistor Test Circuit Configuration
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com