Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 3 Page - Texas Instruments

  SN6507 Datasheet HTML 1Page - Texas Instruments SN6507 Datasheet HTML 2Page - Texas Instruments SN6507 Datasheet HTML 3Page - Texas Instruments SN6507 Datasheet HTML 4Page - Texas Instruments SN6507 Datasheet HTML 5Page - Texas Instruments SN6507 Datasheet HTML 6Page - Texas Instruments SN6507 Datasheet HTML 7Page - Texas Instruments SN6507 Datasheet HTML 8Page - Texas Instruments SN6507 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
5 Pin Configuration and Functions
6
7
9
10
4
3
2
1
5
8
EN/UVLO
VCC
GND
SW1
DC
CLK
SS/ILIM
GND
SW2
SR
DGQ PACKAGE
(TOP VIEW)
Thermal
Pad
(11)
Figure 5-1. DGQ Package, 10-Pin HVSSOP (Top View)
Table 5-1. Pin Functions
PIN
DESCRIPTION
NAME
NO.
TYPE(1)
SW1
1
O
Open drain output of the first power MOSFET, switch 1. Typically connected to either of the outer
terminals of the center tap transformer. Because large currents flow through these pins, their
external traces should be kept short.
GND
2
GND
Ground connection of internal control circuits and power MOSFET. Pin 2 and Pin 9 must be
shorted on PCB for optimzed emissions and efficiency.
VCC
3
P
The VCC pin is the main supply pin for the power and analog circuits. Short duration, high-current
pulses are produced during the turn on and turn off of the power switches.
EN/UVLO
4
I
Enable input and undervoltage lockout (UVLO) programming pin.
•
If the pin voltage is above EN_UVLO threshold , the device is enabled and will start switching
when VCC is above VCC_UVLO threshold.
•
If the pin is shorted to VCC, the device is self-started when VCC is above VCC_UVLO
threshold.
•
If the pin is floating, or the pin voltage is below EN_UVLO threshold, the device stops
switching.
DC
5
I
Duty cycle control pin to compensate input variation. A resistor on this pin to GND sets the duty
cycle. If unused, leave the pin floating, the duty cycle is set to the default value (48%). Duty cyle
control is disabled in SYNC mode.
SR
6
I
Slew rate control pin to further optimize emission performance. This pin adjusts slew rate of SW1
and SW2 by connecting a resistor to GND. If the pin is left floating, the device switches at the
default slew rate.
CLK
7
I
This pin is used to sync the device with an external clock (SYNC mode) or program the switching
frequency by connecting the pin to ground through a resistor. If shorted to GND, the device will
switch at its default frequency (1MHz typical). If left floating, the device will stop switching.
SS/ILIM
8
I
Multifunction Soft-Start (SS) and Current-Limit (ILIM) input pin.
•
A capacitor to GND is needed to set the output soft-start time and input inrush current.
•
A resistor to GND is needed to protect the device through the programmable current limit.
GND
9
GND
Ground connection of internal control circuits and power MOSFET. Pin 2 and Pin 9 must be
shorted on PCB for optimized emissions and efficiency.
SW2
10
O
Open drain output of the second power MOSFET, switch 2. Typically connected to either of the
outer terminals of the center tap transformer. Because large currents flow through these pins, their
external traces should be kept short.
PowerPAD
11
GND
GND pins (Pin 2 and Pin 9) must be electrically connected to the power pad (Pin 11) on the
printed circuit board for proper operation.
(1)
I = input, O = output, P = power, GND = ground
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com