Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 2Page - Texas Instruments SN6507 Datasheet HTML 3Page - Texas Instruments SN6507 Datasheet HTML 4Page - Texas Instruments SN6507 Datasheet HTML 5Page - Texas Instruments SN6507 Datasheet HTML 6Page - Texas Instruments SN6507 Datasheet HTML 7Page - Texas Instruments SN6507 Datasheet HTML 8Page - Texas Instruments SN6507 Datasheet HTML 9Page - Texas Instruments SN6507 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Minimum and maximum limits apply over the recommended junction temperature range, unless otherwise indicated. All
typical values are at TA = 25°C, VCC = 24 V, CLK FSW = 1 MHz and VEN/UVLO=2.5 V unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC CONTROL
Dsw1, Dsw2
Switching Duty Cycle on SW1 and SW2
DC pin floating (Default), FSW = 300KHz, Timing
Diagram
48
%
Dsw1, Dsw2
Switching Duty Cycle on SW1 and SW2
External CLK (SYNC mode), FSW =
300KHz, Timing Diagram
48
%
INPUT OVLO
VCCOVLO-
RISING
Input Over-voltage Lockout Rising Threshold
VCC rising
36.9
38.7
40.5
V
VCCOVLO-
FALLING
Input Over-voltage Lockout Falling Threshold
VCC falling
36.5
38.2
40.0
V
VCCOVLO-HYS Input Over-voltage Lockout Hysteresis
VCC hysteresis voltage
0.47
0.57
V
THERMAL SHUT DOWN
TSD+
TSD turn on temperature
TJ rising
170
184
198
°C
TSD-
TSD turn off temperature
TJ falling
135
147
159
°C
TSD-HYST
TSD hysteresis
32
37
42
°C
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com