Electronic Components Datasheet Search
  English  ▼

X  

SN6507 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN6507
Description  SN6507-Q1 Low-Emissions, 36-V Push-Pull Transformer Driver with Duty Cyle Control for Isolated Power Supplies
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN6507 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN6507 Datasheet HTML 5Page - Texas Instruments SN6507 Datasheet HTML 6Page - Texas Instruments SN6507 Datasheet HTML 7Page - Texas Instruments SN6507 Datasheet HTML 8Page - Texas Instruments SN6507 Datasheet HTML 9Page - Texas Instruments SN6507 Datasheet HTML 10Page - Texas Instruments SN6507 Datasheet HTML 11Page - Texas Instruments SN6507 Datasheet HTML 12Page - Texas Instruments SN6507 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
Junction temperature (
C)
-60
-40
-20
0
20
40
60
80
100 120 140
38.2
38.4
38.6
38.8
39
39.2
VCCOVLO-RISING
VCCOVLO-FALLING
Figure 7-3
RL = 50 Ω
Figure 6-7. VCC OVLO Thresholds vs Junction
Temperature
Junction temperature (
C)
-60
-40
-20
0
20
40
60
80
100 120 140
2.65
2.7
2.75
2.8
2.85
VCCUVLO-RISING
VCCUVLO-FALLING
Figure 7-3
RL = 50 Ω
Figure 6-8. VCC UVLO Thresholds vs Junction
Temperature
Junction temperature (
C)
-60
-40
-20
0
20
40
60
80
100 120 140
1.35
1.4
1.45
1.5
1.55
1.6
ENUVLO-RISING
ENUVLO-FALLING
Figure 7-3
RL = 50 Ω
Figure 6-9. EN/UVLO Thresholds vs Junction
Temperature
Figure 7-3
RL = 50 Ω
Figure 6-10. RON vs Junction Temperature
VCC (V)
0
5
10
15
20
25
30
35
40
25
30
35
40
45
50
55
60
-55
C
25
C
125
C
Figure 7-3
RL = 50 Ω
Figure 6-11. Break-Before-Make Time vs VCC
Figure 7-1
SN6507-Q1 + Wurth 750319696
VIN = 24 V
RILIM = 18.2 kΩ
CSS = 50 nF
Figure 6-12. Output Voltage During Soft Start with
50-mA, 250-mA, and 500-mA Loads
www.ti.com
SN6507-Q1
SLLSFM1 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: SN6507-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com