Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 2Page - Analog Devices ADXL314 Datasheet HTML 3Page - Analog Devices ADXL314 Datasheet HTML 4Page - Analog Devices ADXL314 Datasheet HTML 5Page - Analog Devices ADXL314 Datasheet HTML 6Page - Analog Devices ADXL314 Datasheet HTML 7Page - Analog Devices ADXL314 Datasheet HTML 8Page - Analog Devices ADXL314 Datasheet HTML 9Page - Analog Devices ADXL314 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Data Sheet
ADXL314
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 6 of 27
Figure 3. Pin Configuration (Top View)
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
This pin must be connected to ground.
2
Reserved
Reserved. This pin must be connected to VS or left open.
3
GND
This pin must be connected to ground.
4
GND
This pin must be connected to ground.
5
VS
Supply Voltage.
6
CS
Chip Select.
7
Reserved
Reserved. This pin must be left open.
8 to 19
NC
No Connect. Do not connect to this pin.
20
INT1
Interrupt 1 Output.
21
INT2
Interrupt 2 Output.
22
Reserved
Reserved. This pin must be connected to GND or left open.
23
SDO/ALT ADDRESS
Serial Data Out (SDO), or Alternate I2C Address Select (ALT ADDRESS).
24
SDA/SDI/SDIO
Serial Data (SDA, I2C), Serial Data In (SDI, SPI 4-Wire), or Serial Data In/Out (SDIO, SPI 3-Wire).
25
NC
No Connect. Do not connect to this pin.
26
SCL/SCLK
Serial Clock Line for I2C (SCL). Serial Clock Line for SPI (SCLK).
27 to 30
NC
No Connect. Do not connect to this pin.
31
VDD I/O
Digital Interface Supply Voltage.
32
NC
No Connect.
EP
Exposed Pad. The exposed pad must be soldered to the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com