Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 20 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 16Page - Analog Devices ADXL314 Datasheet HTML 17Page - Analog Devices ADXL314 Datasheet HTML 18Page - Analog Devices ADXL314 Datasheet HTML 19Page - Analog Devices ADXL314 Datasheet HTML 20Page - Analog Devices ADXL314 Datasheet HTML 21Page - Analog Devices ADXL314 Datasheet HTML 22Page - Analog Devices ADXL314 Datasheet HTML 23Page - Analog Devices ADXL314 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Data Sheet
ADXL314
REGISTER MAP
analog.com
Rev. A | 20 of 27
Register 0x26—TIME_INACT (Read/Write)
The TIME_INACT register is eight bits and contains an unsigned
time value representing the amount of time that acceleration must
be less than the value in the THRESH_INACT register for inactivity
to be declared. The scale factor is 1 sec/LSB. Unlike the other
interrupt functions, which use unfiltered data (see the Threshold
section), the inactivity function uses filtered output data. At least
one output sample must be generated for the inactivity interrupt to
be triggered. This results in the function appearing unresponsive
if the TIME_INACT register is set to a value less than the time
constant of the output data rate. A value of 0 results in an interrupt
when the output data is less than the value in the THRESH_INACT
register.
Register 0x27—ACT_INACT_CTL (Read/Write)
Table 18. Register 0x27—Bits[D7:D4]
D7
D6
D5
D4
ACT ac/dc
ACT_X enable
ACT_Y enable
ACT_Z enable
Table 19. Register 0x27—Bits[D3:D0]
D3
D2
D1
D0
INACT ac/dc
INACT_X enable
INACT_Y enable
INACT_Z enable
ACT AC/DC and INACT AD/DC Bits
A setting of 0 selects dc-coupled operation, and a setting of 1
enables ac-coupled operation.
In dc-coupled operation, the current acceleration magnitude is
compared directly with THRESH_ACT and THRESH_INACT to
determine whether activity or inactivity is detected.
In ac-coupled operation for activity detection, the acceleration value
at the start of activity detection is taken as a reference value. New
samples of acceleration are then compared to this reference value
and, if the magnitude of the difference exceeds the THRESH_ACT
value, the device triggers an activity interrupt.
Similarly, in ac-coupled operation for inactivity detection, a refer-
ence value is used for comparison and is updated whenever
the device exceeds the inactivity threshold. After the reference
value is selected, the device compares the magnitude of the differ-
ence between the reference value and the current acceleration
with THRESH_INACT. If the difference is less than the value in
THRESH_INACT for the time in TIME_INACT, the device is consid-
ered inactive and the inactivity interrupt is triggered.
ACT_x Enable Bits and INACT_x Enable Bits
A setting of 1 enables x-axis, y-axis, or z-axis participation in
detecting activity or inactivity. A setting of 0 excludes the selected
axis from participation. If all axes are excluded, the function is
disabled. For activity detection, all participating axes are logically
OR’ed, causing the activity function to trigger when any of the
participating axes exceeds the threshold. For inactivity detection,
all participating axes are logically AND’ed, causing the inactivity
function to trigger only if all participating axes are less than the
threshold for the specified period of time.
Register 0x2C—BW_RATE (Read/Write)
Table 20. Register 0x2C
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
LOW_POWER
Rate
LOW_POWER Bit
A setting of 0 in the LOW_POWER bit selects normal operation,
and a setting of 1 selects reduced power operation, which has
somewhat higher noise (see the Power Modes section for details).
Rate Bits
The rate bits select the device bandwidth and output data rate (see
Table 8 and Table 9 for details). The default value is 0x0A, which
translates to a 100 Hz output data rate. An output data rate must
be selected that is appropriate for the communication protocol and
frequency selected. Selecting too high of an output data rate with a
low communication speed results in samples being discarded.
Register 0x2D—POWER_CTL (Read/Write)
Table 21. Register 0x2D
D7
D6
D5
D4
D3
D2
D1
D0
0
0
Link
AUTO_SLEEP
Measure
Sleep
Wakeup
Link Bit
A setting of 1 in the link bit with both the activity and inactivity
functions enabled delays the start of the activity function until
inactivity is detected. After activity is detected, inactivity detection
begins, preventing the detection of activity. This bit serially links the
activity and inactivity functions.
When this bit is set to 0, the inactivity and activity functions are
concurrent. Additional information can be found in the Link Mode
section.
When clearing the link bit, it is recommended that the device be
placed into standby mode and then set back to measurement
mode with a subsequent write. This recommendation is advised to
ensure that the device is properly biased if sleep mode is manually
disabled. Otherwise, the first few samples of data after the link bit
is cleared may have additional noise, especially if the device was
asleep when the bit was cleared.
AUTO_SLEEP Bit
If the link bit is set, a setting of 1 in the AUTO_SLEEP bit sets
the ADXL314 to switch to sleep mode when inactivity is detected
(that is, when acceleration has been less than the THRESH_INACT
value for at least the time indicated by TIME_INACT). A setting of 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com