Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 26 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 19Page - Analog Devices ADXL314 Datasheet HTML 20Page - Analog Devices ADXL314 Datasheet HTML 21Page - Analog Devices ADXL314 Datasheet HTML 22Page - Analog Devices ADXL314 Datasheet HTML 23Page - Analog Devices ADXL314 Datasheet HTML 24Page - Analog Devices ADXL314 Datasheet HTML 25Page - Analog Devices ADXL314 Datasheet HTML 26Page - Analog Devices ADXL314 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Data Sheet
ADXL314
OUTLINE DIMENSIONS
analog.com
Rev. A | 26 of 27
Figure 33. 32-Lead Lead Frame Chip Scale Package [LFCSP]
5 mm × 5 mm Body and 1.45 mm Package Height
(CP-32-17)
Dimensions shown in millimeters
Figure 34. Sample Solder Pad Layout (Land Pattern)
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Packing Quantity
Package Option
ADXL314WBCPZ-RL
−40°C to +125°C
32-Lead Lead Frame Chip Scale Package [LFCSP]
Reel, 4000
CP-32-17
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
EVALUATION BOARDS
Model1
Description
EVAL-ADXL314Z
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com