Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 11 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 7Page - Analog Devices ADXL314 Datasheet HTML 8Page - Analog Devices ADXL314 Datasheet HTML 9Page - Analog Devices ADXL314 Datasheet HTML 10Page - Analog Devices ADXL314 Datasheet HTML 11Page - Analog Devices ADXL314 Datasheet HTML 12Page - Analog Devices ADXL314 Datasheet HTML 13Page - Analog Devices ADXL314 Datasheet HTML 14Page - Analog Devices ADXL314 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
ADXL314
THEORY OF OPERATION
analog.com
Rev. A | 11 of 27
Current consumption at the sub 8 Hz data rates used in this mode
is typically 30 µA for a VS of 2.5 V.
Standby Mode
For even lower power operation, standby mode can be used. In
standby mode, current consumption is reduced to 0.1 µA (typical).
In this mode, no measurements are made. Standby mode is
entered by clearing the measure bit (Bit 3) in the POWER_CTL
register (Address 0x2D). Placing the device into standby mode
preserves the contents of the FIFO.
FIFO BUFFER
The ADXL314 contains patented technology for an embedded
memory management system with a 32-level FIFO buffer that
can be used to minimize host processor burden. This buffer has
four modes: bypass, FIFO, stream, and trigger. Each mode can
be selected by setting the FIFO_MODE bits (Bits[D7:D6]) in the
FIFO_CTL register (Address 0x38; see Table 10).
Table 10. FIFO Modes (FIFO_CTL Register, Address 0x38)
Setting
FIFO
Mode
Description
D7
D6
0
0
Bypass
The FIFO buffer is bypassed.
0
1
FIFO
The FIFO buffer collects up to 32 samples and then
stops collecting data. The FIFO buffer only collects
new data when the buffer is not full.
1
0
Stream
The FIFO buffer holds the last 32 samples. When
the FIFO buffer is full, the oldest data is overwritten
with newer data.
1
1
Trigger
The FIFO buffer holds the last samples before the
trigger event and continues to collect data until full.
New data is collected only when the FIFO buffer is
not full.
For an in-depth description of the FIFO buffer and FIFO modes, see
the AN-1025 Application Note, Utilization of the First In, First Out
(FIFO) Buffer in Analog Devices, Inc., Digital Accelerometers.
Bypass Mode
In bypass mode, the FIFO buffer is not operational and, therefore,
remains empty. Data is erased when switching from other FIFO
modes to bypass mode.
FIFO Mode
In FIFO mode, data from measurements of the x-axis, y-axis, and
z-axis is stored in the FIFO buffer. When the number of samples
in the FIFO buffer equals the level specified by the samples bits
of the FIFO_CTL register (Address 0x38), the watermark interrupt
is set (see the Watermark section). The FIFO buffer continues to
accumulate samples until it is full (32 samples from measurements
of the x-axis, y-axis, and z-axis) and then stops collecting data.
After the FIFO buffer stops collecting data, the device continues to
operate; therefore, features such as shock detection can be used
after the FIFO buffer is full. The watermark interrupt bit remains set
until the number of samples in the FIFO buffer is less than the value
stored in the samples bits of the FIFO_CTL register.
Stream Mode
In stream mode, data from measurements of the x-axis, y-axis, and
z-axis is stored in the FIFO buffer. When the number of samples
in the FIFO buffer equals the level specified by the samples bits
of the FIFO_CTL register (Address 0x38), the watermark interrupt
is set (see the Watermark section). The FIFO buffer continues to
accumulate samples; the buffer stores the latest 32 samples from
measurements of the x-axis, y-axis, and z-axis, discarding older
data as new data arrives. The watermark interrupt bit remains set
until the number of samples in the FIFO buffer is less than the value
stored in the samples bits of the FIFO_CTL register.
Trigger Mode
In trigger mode, the FIFO buffer accumulates samples, storing the
latest 32 samples from measurements of the x-axis, y-axis, and
z-axis. After a trigger event occurs, an interrupt is sent to the INT1
or INT2 pin (determined by the trigger bit in the FIFO_CTL register),
and the FIFO_TRIG bit (Bit D7) is set in the FIFO_STATUS register
(Address 0x39).
The FIFO buffer keeps the last n samples (n is the value specified
by the samples bits in the FIFO_CTL register) and then operates
in FIFO mode, collecting new samples only when the FIFO buffer
is not full. A delay of at least 5 µs must elapse between the
occurrence of the trigger event and the start of data read back
from the FIFO buffer to allow the buffer to discard and retain the
necessary samples.
Additional trigger events cannot be recognized until the device is
reset to trigger mode. To reset the device to trigger mode, take the
following steps:
1. If desired, read data from the FIFO buffer (see the Retrieving
Data from the FIFO Buffer section). Before resetting the device
to trigger mode, read back the FIFO data; placing the device
into bypass mode clears the FIFO buffer.
2. Configure the device for bypass mode by setting Bits[D7:D6] at
Address 0x38 to 00.
3. Configure the device for trigger mode by setting Bits[D7:D6] at
Address 0x38 to 11.
Retrieving Data from the FIFO Buffer
When the FIFO buffer operates in FIFO, stream, or trigger mode,
FIFO data can be read from the data registers (Address 0x32 to
Address 0x37). Each time data is read from the FIFO buffer, the
oldest x-axis, y-axis, and z-axis data is moved into the DATAXx,
DATAYx, and DATAZx registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com