Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 22 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 18Page - Analog Devices ADXL314 Datasheet HTML 19Page - Analog Devices ADXL314 Datasheet HTML 20Page - Analog Devices ADXL314 Datasheet HTML 21Page - Analog Devices ADXL314 Datasheet HTML 22Page - Analog Devices ADXL314 Datasheet HTML 23Page - Analog Devices ADXL314 Datasheet HTML 24Page - Analog Devices ADXL314 Datasheet HTML 25Page - Analog Devices ADXL314 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
Data Sheet
ADXL314
REGISTER MAP
analog.com
Rev. A | 22 of 27
SPI Bit
Set the SPI bit to 1 to set the device to 3-wire SPI mode, and set
the SPI bit to 0 to set the device to 4-wire SPI mode.
INT_INVERT Bit
Set the INT_INVERT bit to 1 to set the interrupts to active high, and
set the INT_INET bit to 1 to set the interrupts to active low.
Justify Bit
A setting of 1 in the justify bit selects left (MSB) justified mode, and
a setting of 0 in the justify bit selects right justified mode with a sign
extension.
Register 0x32 to Register 0x37—DATAX0,
DATAX1, DATAY0, DATAY1, DATAZ0, DATAZ1
(Read Only)
These six bytes (Register 0x32 to Register 0x37) are eight bits
each and hold the output data for each axis. Register 0x32 and
Register 0x33 hold the output data for the x-axis, Register 0x34 and
Register 0x35 hold the output data for the y-axis, and Register 0x36
and Register 0x37 hold the output data for the z-axis.
The output data is twos complement, with DATAx0 as the least
significant byte, and DATAx1 as the most significant byte, where x
represent X, Y, or Z. The DATA_FORMAT register (Address 0x31)
controls the format of the data. It is recommended that a multiple-
byte read of all registers be performed to prevent a change in data
between reads of sequential registers.
Register 0x38—FIFO_CTL (Read/Write)
Table 30. Register 0x38
D7
D6
D5
D4
D3
D2
D1
D0
FIFO_MODE
Trigger
Samples
FIFO_MODE Bits
The FIFO_MODE bits set the FIFO mode, as described in Table 31.
Table 31. FIFO Modes
Setting
Mode
Function
D7
D6
0
0
Bypass
The FIFO buffer is bypassed.
0
1
FIFO
The FIFO buffer collects up to 32 values and then
stops collecting data. The FIFO buffer only collects
new data when the FIFO buffer is not full.
1
0
Stream
The FIFO buffer holds the last 32 data values. When
the FIFO buffer is full, the oldest data is overwritten
with newer data.
1
1
Trigger
When triggered by the trigger bit, the FIFO buffer
holds the last data samples before the trigger event
and then continues to collect data until full. New data
is collected only when the FIFO buffer is not full.
Trigger Bit
A value of 0 in the trigger bit links the trigger event of trigger mode
to INT1, and a value of 1 in the trigger bit links the trigger event to
INT2.
Samples Bits
The function of the samples bits depends on the FIFO mode
selected (see Table 32). Entering a value of 0 in the samples bits
immediately sets the watermark status bit in the INT_SOURCE
register, regardless of which FIFO mode is selected. Undesirable
operation may occur if a value of 0 is used for the samples bits
when trigger mode is used.
Table 32. Samples Bits Functions
FIFO Mode
Samples Bits Function
Bypass
None.
FIFO
Specifies how many FIFO entries are needed to trigger a
watermark interrupt.
Stream
Specifies how many FIFO entries are needed to trigger a
watermark interrupt.
Trigger
Specifies how many FIFO samples are retained in the FIFO
buffer before a trigger event.
Register 0x39—FIFO_STATUS (Read Only)
Table 33. Register 0x39
D7
D6
D5
D4
D3
D2
D1
D0
FIFO_TRIG
0
Entries
FIFO_TRIG Bit
A 1 in the FIFO_TRIG bit corresponds to a trigger event occurring,
and a 0 means that a FIFO trigger event has not occurred.
Entries Bits
The entries bits report how many data values are stored in the
FIFO. Access to collect the data from the FIFO is provided through
the DATAX, DATAY, and DATAZ registers. The FIFO reads must be
done in burst or multiple-byte mode because each FIFO level is
cleared after any read (single- or multiple-byte) of the FIFO. The
FIFO stores a maximum of 32 entries, which equates to a maximum
of 33 entries available at any given time because an additional
entry is available at the output filter of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com