Electronic Components Datasheet Search
  English  ▼

X  

ADXL314 Datasheet(PDF) 13 Page - Analog Devices

Part # ADXL314
Description  ±200 g Range, 3-Axis Digital Accelerometer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL314 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADXL314 Datasheet HTML 9Page - Analog Devices ADXL314 Datasheet HTML 10Page - Analog Devices ADXL314 Datasheet HTML 11Page - Analog Devices ADXL314 Datasheet HTML 12Page - Analog Devices ADXL314 Datasheet HTML 13Page - Analog Devices ADXL314 Datasheet HTML 14Page - Analog Devices ADXL314 Datasheet HTML 15Page - Analog Devices ADXL314 Datasheet HTML 16Page - Analog Devices ADXL314 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
ADXL314
THEORY OF OPERATION
analog.com
Rev. A | 13 of 27
Table 11. Interrupt Pin Digital Output
Parameter
Test Conditions
Limit1
Unit
Min
Max
Rise Time and Fall Time
Rise Time (tR)2
Load capacitance (CLOAD) =
150 pF
210
ns
Fall Time (tF)3
CLOAD = 150 pF
150
ns
1 Limits based on characterization results, not production tested.
2 The rise time is measured as the transition time from VOL, max to VOH, min of the interrupt pin.
3 The fall time is measured as the transition time from VOH, min to VOL, max of the interrupt pin.
SELF TEST
The ADXL314 incorporates a self test feature that effectively
tests its mechanical and electronic systems simultaneously. When
the self test function is enabled (via the SELF_TEST bit in the
DATA_FORMAT register, Address 0x31), an electrostatic force is
exerted on the mechanical sensor.
This electrostatic force moves the mechanical sensing element in
the same manner as acceleration, and it is additive to the external
acceleration experienced by the device. This added electrostatic
force results in an output change in the x-axis, y-axis, and z-axis.
Because the electrostatic force is proportional to VS2, the output
change varies with VS.
The self test response exhibits bimodal behavior in all axes. How-
ever, the z-axis self test change can be used to effectively perform
a self test check. For the self test function to operate correctly, the
device must be in normal power operation (LOW_POWER bit = 0 in
the BW_RATE register, Address 0x2C) and be configured for a data
rate from 100 Hz to 800 Hz, or for a data rate of 3200 Hz.
The self test response cannot be used as a reliable indicator of
potential shift in device sensitivity.
For more information about the self test feature, see the Using Self
Test section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com